Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 45Page - STMicroelectronics L99PM62XP Datasheet HTML 46Page - STMicroelectronics L99PM62XP Datasheet HTML 47Page - STMicroelectronics L99PM62XP Datasheet HTML 48Page - STMicroelectronics L99PM62XP Datasheet HTML 49Page - STMicroelectronics L99PM62XP Datasheet HTML 50Page - STMicroelectronics L99PM62XP Datasheet HTML 51Page - STMicroelectronics L99PM62XP Datasheet HTML 52Page - STMicroelectronics L99PM62XP Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 4
49/98
5.5.6
Reset output
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 4.0 V < VS = 28 V; Tj = -40 °C to 130 °C, unless otherwise specified.
5.5.7
Watchdog
4.5 V < VS < 28 V; 4.8 V < V1 < 5.2 V; Tj = -40 °C to 130 °C, unless otherwise specified, see
Figure 26 and Figure 27.
Table 17.
Reset output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRT1
Reset threshold voltage1
V1 decreasing
3.7
3.9
4.1
V
VRT2
Reset threshold voltage2
V1 decreasing
4.2
4.3
4.45
V
VRT3
Reset threshold voltage3
V1 decreasing
4.25
4.4
4.55
V
VRT4
Reset threshold voltage4
V1 decreasing
4.5
4.60
4.75
V
VRT4
Reset threshold voltage4
V1 increasing
4.7
4.8
4.9
V
VRESET
Reset pin low output voltage
V1 > 1V, IRESET =
5mA
0,2
0,4
V
RRESET
Reset pull up int. resistor
80
110
150
k
Ω
tRR
Reset reaction time
ILOAD1 = 1 mA
6
40
µs
tUV1
V1 under-voltage filter time
16
µs
Trd
Reset pulse duration
1.5
2
2.5
ms
Table 18.
Watchdog
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tLW
Long open window
TBD
48,75
65
81,25
ms
TEFW1
Early failure window 1
4.5
ms
TLFW1
Late failure window 1
20
ms
TSW1
Safe window 1
7.5
12
ms
TEFW2
Early failure window 2
22.5
ms
TLFW2
Late failure window 2
100
ms
TSW2
Safe window 2
37.5
60
ms
TEFW3
Early failure window 3
45
ms
TLFW3
Late failure window 3
200
ms
TSW3
Safe window 3
75
120
ms
TEFW4
Early failure window 4
90
ms
TLFW4
Late failure window 4
400
ms
TSW4
Safe window 4
150
240
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com