Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 9Page - STMicroelectronics L99PM62XP Datasheet HTML 10Page - STMicroelectronics L99PM62XP Datasheet HTML 11Page - STMicroelectronics L99PM62XP Datasheet HTML 12Page - STMicroelectronics L99PM62XP Datasheet HTML 13Page - STMicroelectronics L99PM62XP Datasheet HTML 14Page - STMicroelectronics L99PM62XP Datasheet HTML 15Page - STMicroelectronics L99PM62XP Datasheet HTML 16Page - STMicroelectronics L99PM62XP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 4
13/98
maximum continuous load current is 100 mA. The regulator provides accuracy better than
+ 3% at 50 mA (4 % at 100 mA and is protected against.
●
Overload
●
Overtemperature
●
Short circuit (short to ground and battery supply voltage)
●
Reverse biasing
2.1.3
Increased output current capability for voltage regulator V2
For applications which require high output currents, the output current capability of the
regulator can be increased my means of the integrated operational amplifiers and an
external pass transistor.
Figure 3.
Voltage source with external PNP
Figure 4.
Voltage source with external PNP and current limitation
Figure 3 shows a possible configuration with a PNP pass element using voltage regulator 2
to provide the voltage reference for the regulated output voltage V3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com