Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 44Page - STMicroelectronics STPM32_V02 Datasheet HTML 45Page - STMicroelectronics STPM32_V02 Datasheet HTML 46Page - STMicroelectronics STPM32_V02 Datasheet HTML 47Page - STMicroelectronics STPM32_V02 Datasheet HTML 48Page - STMicroelectronics STPM32_V02 Datasheet HTML 49Page - STMicroelectronics STPM32_V02 Datasheet HTML 50Page - STMicroelectronics STPM32_V02 Datasheet HTML 51Page - STMicroelectronics STPM32_V02 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
Figure 51. Latching through SYN pulses
MOSI
MISO
SCS
timeline
SYN
active edge
active edge
inactive edges
Software latch
Writing S/W Latchx configuration bits of DSP_CR3 register can latch data into transmission latches. These two
bits latch channel 1 and channel 2 data registers respectively; once set, they latch data and are automatically
reset. By setting S/W Auto Latch bit, latching is performed automatically at the rate of sampling clock, so data
latching, before each reading request, is no longer necessary.
Software reset
Writing SW Reset configuration bit in DSP_CR3 brings the configuration registers to their default values. Data
registers are not reset. This bit is automatically cleared after this action.
8.6.2
SPI peripheral
The device implements a full-duplex communication protocol using MISO, MOSI ports for data exchange, SCL for
clock port, SCS port for data exchange activation and SYN for internal register data latching and resetting, when
no data activation is set (SCS in off-state). Latching and resetting can also be performed by setting the related
bits in DSP_CR3 register.
With reference to the general SPI protocol, the peripheral is configured to work according to the following settings:
cpol = 1, cpha = 1.
SPI control register
US_REG1 register contains 16-bits with all the configuration parameters of t SPI and UART interfaces of the
STPM3x. Table 24 describes SPI related bits:
Table 24. SPI control register
Bit position in row
Name
Description
Default value
15
LSBfirst
Little(1) or big(0) - endian for bit transmission in data-
byte
0
14
CRCenable
Enable/disable CRC feature
1
[7:0]
CRCPolynomial
Polynomial used to validate transmitted and received
data
0x07
LSBfirst: endianness of data-byte transmission and reception
CRCenable: enables the optional CRC feature
CRCPolynomial: default polynomial used is 0x07 (x8+x2+x+1)
SPI timings
Any single transaction timing follows the scheme in Figure 7.
For consecutive writing transactions, a minimum time interval of 4μs has to be taken into account in order to avoid
overrun issues.
For latch and consecutive read transactions a minimum time interval of 4 μs has to be taken into account in order
to avoid overrun issues.
STPM32, STPM33, STPM34
Communication protocol
DS10272 - Rev 13
page 48/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com