Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 7Page - STMicroelectronics STPM32_V02 Datasheet HTML 8Page - STMicroelectronics STPM32_V02 Datasheet HTML 9Page - STMicroelectronics STPM32_V02 Datasheet HTML 10Page - STMicroelectronics STPM32_V02 Datasheet HTML 11Page - STMicroelectronics STPM32_V02 Datasheet HTML 12Page - STMicroelectronics STPM32_V02 Datasheet HTML 13Page - STMicroelectronics STPM32_V02 Datasheet HTML 14Page - STMicroelectronics STPM32_V02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
Figure 7. SPI timings
SCS
SCL
MOSI
SYN
t_en
t_clk
t_cpw
t_hold
t_setup
t_lpw
t_rpw
t_w
t_ltch
t_rel
Figure 8. SPI enable and disable timing diagrams
1.5V
1.5V
1.5V
VOL
VOL +0.3V
tpZL
3.0V
GND
Vcc
SCS
MISO
tpLZ
90%
10%
6ns(*)
90%
10%
6ns(*)
(*) Rising and falling time are measuring conditions and not an input operating specification
STPM32, STPM33, STPM34
Electrical characteristics
DS10272 - Rev 13
page 11/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com