Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 6Page - STMicroelectronics STPM32_V02 Datasheet HTML 7Page - STMicroelectronics STPM32_V02 Datasheet HTML 8Page - STMicroelectronics STPM32_V02 Datasheet HTML 9Page - STMicroelectronics STPM32_V02 Datasheet HTML 10Page - STMicroelectronics STPM32_V02 Datasheet HTML 11Page - STMicroelectronics STPM32_V02 Datasheet HTML 12Page - STMicroelectronics STPM32_V02 Datasheet HTML 13Page - STMicroelectronics STPM32_V02 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BW
Effective band width
-3 dB, HPF = 0
0
-
3600
Hz
DC measurement accuracy
PSRRAC
Power supply AC rejection(2)
Voltage input shorted
Current input shorted
VCC = 3.3V ± 150 mVp at 1 kHz
-
65
-
dB
SPItimings(3)
t_en
Time between selection and clock
-
50
-
-
ns
t_clk
Clock period
-
50
-
-
ns
t_cpw
Clock pulse width
-
25
-
-
ns
t_setup
Set-up time before slave sampling
-
10
-
-
ns
t_hold
Hold time after slave sampling
-
40
-
-
ns
tpZL
Enable to low level time
VCC = 3.3 V ± 10%,
VIN = 0 to 3 V, 1 MHz
Rise time = fall time = 6 ns
RL = 1 kΩ, CL = 50 pF
see Figure 10
-
25
-
ns
tpLZ
Disable from low level time
-
15
-
ns
UART timings(3)
t1
-
CS enable to RX start
5
-
-
ns
t2
-
Stop bit to CS disable
1
-
-
μs
t3
-
CS disable to TX idle hold time
-
-
250
ns
tpZH
Enable to high level time
VCC = 3.3 V ± 10%,
VIN = 0 to 3 V, 1 MHz,
Rise time = fall time = 6 ns
RL = 1 kΩ, CL = 50 pF
see Figure 10
-
21
-
ns
tpHZ
Disable from high level time
-
11
-
ns
SYN timings(3)
t_ltch
Time between de-selection and latch
-
20
-
-
ns
t_lpw
Latch pulse width
-
4
-
-
μs
t_w
Time between two consecutive latch
pulses
-
4
-
-
μs
t_rpw
Reset pulse width
-
4
-
-
μs
t_rel
Time between pulse and selection
-
40
-
-
ns
t_startup
Time between power-on and reset
-
35
-
-
ms
1. Guaranteed by design.
2. Guaranteed by characterization.
3. Guaranteed by application.
STPM32, STPM33, STPM34
Electrical characteristics
DS10272 - Rev 13
page 10/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com