Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 16Page - STMicroelectronics STPM32_V02 Datasheet HTML 17Page - STMicroelectronics STPM32_V02 Datasheet HTML 18Page - STMicroelectronics STPM32_V02 Datasheet HTML 19Page - STMicroelectronics STPM32_V02 Datasheet HTML 20Page - STMicroelectronics STPM32_V02 Datasheet HTML 21Page - STMicroelectronics STPM32_V02 Datasheet HTML 22Page - STMicroelectronics STPM32_V02 Datasheet HTML 23Page - STMicroelectronics STPM32_V02 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
To disable a single voltage or current channel, enV1, enC1 bits for primary channel and enV2, enC2 for
secondary channel should be cleared in DFE_CR1 and DFE_CR2 respectively. Switching off some channels
allows an operating current reduction as reported in Table 4
As described in Figure 22, two EN_REF1 and EN_REF2 bits enable the voltage references; if a unique voltage
reference is used, one of these two bits must be disabled and VREF1 and VREF2 pins must be shorted; if an
external reference is used both bits must be disabled and the external reference must be connected to VREF1,
VREF2 pins. VREF1 and VREF2 outputs should be connected to GNDREF via a 100 nF capacitor independently.
Figure 22. Power management internal connection scheme and polarization
VCC
VDDA
GNDA
LDR 3.0V
VOLTAGE
REFERENCE
VRefC1
VRefV1
TC2
VDDD
VOLTAGE
REFERENCE
TC1
LDR 1.2V
GNDD
GNDREF
VRefC2
VRefV2
1uF
100nF
1uF
100nF
100
nF
3.3V
GND_REG
VREF1
VREF2
VREF1_EN
VREF2_EN
Temperature compensated reference voltage generators produce VREF1 = VREF2 = 1.18 V at default settings.
The primary voltage reference is always on and supplies the voltage and the primary current channel, the
secondary voltage reference is by default in on-state and supplies the secondary channel.
These reference temperature compensation curves can be selected through three configuration bits: TCx[2:0]
(DSP_CR1 and DSP_CR2).
Table 8. Temperature compensation selection
TCx0
TCx1
TCx2
TC_VREF (ppm/°C)
0
0
0
-30
0
0
1
0
0
1
0
30 (default)
0
1
1
60
1
0
0
90
1
0
1
120
1
1
0
150
1
1
1
180
STPM32, STPM33, STPM34
Functional description of the analog part
DS10272 - Rev 13
page 20/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com