Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 18Page - STMicroelectronics STPM32_V02 Datasheet HTML 19Page - STMicroelectronics STPM32_V02 Datasheet HTML 20Page - STMicroelectronics STPM32_V02 Datasheet HTML 21Page - STMicroelectronics STPM32_V02 Datasheet HTML 22Page - STMicroelectronics STPM32_V02 Datasheet HTML 23Page - STMicroelectronics STPM32_V02 Datasheet HTML 24Page - STMicroelectronics STPM32_V02 Datasheet HTML 25Page - STMicroelectronics STPM32_V02 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
Figure 24. Analog front end internal scheme
IIPx
IINx
VIPx
VINx
2nd ord ΣΔ
modulator
2nd ordΣΔ
modulator
PLNA
GAINx[1:0]
DFE
bsV
bsC
PLNA uses the chopping technique to cancel the intrinsic offset of the amplifier.
A dedicated block generates chopper frequencies for voltage and current channels. The amplified signals are fed
to the 2nd order sigma-delta modulator.
The analog-to-digital conversion in the STPM3x is carried out using four 2nd order sigma-delta converters. A
pseudo-random block generates pseudo-random signals for voltage and current channels. These random signals
implement the dithering technique in order to de-correlate the output of the modulators and avoid accumulation
points on the frequency spectrum. The device performs A/D conversions of analog signals on four independent
channels in parallel.
Figure 25. Block diagram of the modulator
D/A
a1
a2
1st integrator
2nd integrator
comparator
input
Dithering
-
-
stream out
The sigma-delta modulators convert the input signals into a continuous serial stream of “1” and “0” at a rate
determined by the sampling clock. In the STPM3x, the oversampling clock is equal to 4 MHz.
1-bit DAC in the feedback loop is driven by the serial data stream. DAC output is subtracted from the input signal
and from the integrated error. If the loop gain is high enough, the average value of DAC output (and therefore the
bitstream) can approach to the input signal level. When a large number of samples are averaged, a very precise
value of the analog signal is obtained. This average is described in DSP section.
STPM32, STPM33, STPM34
Functional description of the analog part
DS10272 - Rev 13
page 22/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com