Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 21Page - STMicroelectronics STPM32_V02 Datasheet HTML 22Page - STMicroelectronics STPM32_V02 Datasheet HTML 23Page - STMicroelectronics STPM32_V02 Datasheet HTML 24Page - STMicroelectronics STPM32_V02 Datasheet HTML 25Page - STMicroelectronics STPM32_V02 Datasheet HTML 26Page - STMicroelectronics STPM32_V02 Datasheet HTML 27Page - STMicroelectronics STPM32_V02 Datasheet HTML 28Page - STMicroelectronics STPM32_V02 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
Figure 29. Global startup reset
SCS
SYN
VCC
t_startup
t_rpw
8.3
Functional description of the digital part
Each voltage and current channel has an independent digital signal processing chain, which is composed of:
•
Digital front end (DFE)
•
Phase compensation
•
Decimation
•
Filters
•
Calibration.
The outcoming signals are fed to a common hardwired DSP, which processes the metrology data.
Figure 30. DSP block functional description
1
SCLK
1
SCLK
24
DCLK
24
DCLK
24
DCLK
Phase
Compensation
Calibration
Filters
DSP
DFE
Decimation
1
SCLK
1
SCLK
24
DCLK
24
DCLK
24
DCLK
Phase
Compensation
Calibration
8.3.1
Digital front end (SDSx bits)
This block synchronizes and checks the sigma-delta bitstreams of voltage and current signals.
Each channel sigma-delta stream has an SDSx status bit associated, which is cleared if the stream is correct,
while it is set if the bitstream is stuck to 0 or 1 (this is the case of an input waveform saturating the dynamic input
of the sigma-delta modulator).
To set SDSx bit, sigma-delta (ƩΔ) stream should be stuck to 0 or 1 for a time between:
tƩΔstuck = 2 / (MCLK / 256) = 128 μs … tƩΔstuck = 3 / (MCLK / 256) = 192 μs.
Outputs are stored on bit number 20, 24 of DSP_SR1,2 and 13, 20 of DSP_EV1,2.
If SDSx = 1, the instantaneous values of voltage current are set on positive or negative maximum value,
according to sigma-delta stream. In this case active powers and energies are calculated with those values of
signals.
If sigma-delta stream of voltage channel is stuck, the reactive energy is zero.
8.3.2
Decimation block
The decimation block operates a serial decimation of three sigma-delta serial bitstreams coming from three
modulators of voltage, primary and secondary current channels.
STPM32, STPM33, STPM34
Functional description of the digital part
DS10272 - Rev 13
page 25/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com