Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 26Page - STMicroelectronics STPM32_V02 Datasheet HTML 27Page - STMicroelectronics STPM32_V02 Datasheet HTML 28Page - STMicroelectronics STPM32_V02 Datasheet HTML 29Page - STMicroelectronics STPM32_V02 Datasheet HTML 30Page - STMicroelectronics STPM32_V02 Datasheet HTML 31Page - STMicroelectronics STPM32_V02 Datasheet HTML 32Page - STMicroelectronics STPM32_V02 Datasheet HTML 33Page - STMicroelectronics STPM32_V02 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
Figure 34. Fundamental active power and energy calculation block diagram
IIPx
IINx
PLNA
VIPx
VINx
HPF
HPF
ROCOIL
INT
BHPFVx
BHPFCx
ROCx
Vx Data [23:0]
Vx [23:0]
Cx [23:0]
bsV
bsC
CHVx[11:0]
CHCx[11:0]
Phase
Compensation
Phase
Compensation
Cx Data [23:0]
ADC
ADC
LPF
Offset
Σ
LED
OFAFx[9:0]
PHx Momentary Fundamental Power[28:0]
PHx Fundamental Power[28:0]
PHx Fundamental Energy[31:0]
LPF
LPF
Vx Fund[23:0]
Cx Fund[23:0]
Results of the calculated quantities are stored in the registers as follows:
EF1 = primary current channel active fundamental energy PH1 Fundamental Energy[31:0]
F1 = primary current channel active fundamental Power PH1 Fundamental Power[28:0]
f1(t) = primary current channel instantaneous active fundamental power PH1 Momentary Fundamental Power
[28:0]
EF2 = secondary current channel active fundamental energy PH2 Fundamental Energy[31:0]
F2 = secondary current channel active fundamental power PH2 Fundamental Power[28:0]
f2(t) = secondary current channel instantaneous active fundamental power PH2 Momentary Fundamental Power
[28:0]
The fundamental active power measurements have a bandwidth of 80 Hz.
8.4.3
Reactive power and energy calculation
The signal chain for the reactive power, energy calculations and related frequency conversion are shown in
Figure 35. The instantaneous reactive power signal is generated by multiplying the filtered signals of current and
voltage. This value can be compensated by the reactive power offset calibration block (OFRx[8:0] in DSP_CR10
and DSP_CR12). The DC component of the instantaneous power signal is extracted from LPF to obtain the
reactive power information.
Figure 35. Reactive power and energy calculation block diagram
IIPx
IINx
PLNA
VIPx
VINx
HPF
HPF
ROCOIL
INT
BHPFVx
BHPFCx
ROCx
Vx Data [23:0]
Vx [23:0]
Cx [23:0]
bsV
bsC
CHVx[11:0]
CHCx[11:0]
Phase
Compensation
Phase
Compensation
Cx Data [23:0]
ADC
ADC
LPF
Offset
Σ
LED
OFRx[9:0]
PHx Momentary Reactive Power[28:0]
PHx Reactive Power[28:0]
PHx Reactive Energy[31:0]
LPF
LPF
Vx Fund[23:0]
Cx Fund[23:0]
Reactive
Filter
BLPFVx
0
1
BLPFCx
1
0
Results of the calculated quantities are stored in the registers as follows:
EQ1 = primary current channel reactive energy PH1 Reactive Energy[31:0]
Q1 = primary current channel reactive power PH1 Reactive Power[28:0]
q1(t) = primary current channel instantaneous reactive power PH1 Momentary Reactive Power[28:0]
EQ2 = secondary current channel reactive energy PH2 Reactive Energy[31:0]
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 30/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com