Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 49Page - STMicroelectronics STPM32_V02 Datasheet HTML 50Page - STMicroelectronics STPM32_V02 Datasheet HTML 51Page - STMicroelectronics STPM32_V02 Datasheet HTML 52Page - STMicroelectronics STPM32_V02 Datasheet HTML 53Page - STMicroelectronics STPM32_V02 Datasheet HTML 54Page - STMicroelectronics STPM32_V02 Datasheet HTML 55Page - STMicroelectronics STPM32_V02 Datasheet HTML 56Page - STMicroelectronics STPM32_V02 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
Register
Bit position
Description
Default value
Access mode
IRQ CR
2
mask for UART timeout error
0
RW
1
mask for UART CRC error
0
RW
•
SPI RX overrun: occurs when two consecutive write transactions are too fast and close to each other
•
SPI TX underrun: occurs when a read-back operation (= write then read the same register) or latch/read is
too fast
•
SPI CRC error: CRC error detected
•
UART/SPI write address error: write address out of range (not write address not writable)
•
UART/SPI read address error: read address out of range (not read address not readable)
•
SPI TX empty: transmission buffer empty (for SPI diagnostic, not recommended for normal IRQ operations)
•
SPI RX full: reception buffer full (for SPI diagnostic, not recommended for normal IRQ operations)
•
UART TX overrun: occurs when master and slave have different baud rates and master transmits before
reception has ended
•
UART RX overrun: active when received data have not been correctly processed
•
UART noise error: noisy bit detected
•
UART frame error: missing stop bit detected
•
UART timeout error: timeout counter expired
•
UART CRC error: CRC error detected
•
UART break: break frame (all zeros) received.
Read-write status bits are set by the occurrence of the related event and are not reset when the event ceases, on
contrary master can only reset them transmitting a write sequence addressed to memory location 0x28.
STPM32, STPM33, STPM34
Communication protocol
DS10272 - Rev 13
page 53/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com