Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 5 Page - STMicroelectronics

  STPM32_V02 Datasheet HTML 1Page - STMicroelectronics STPM32_V02 Datasheet HTML 2Page - STMicroelectronics STPM32_V02 Datasheet HTML 3Page - STMicroelectronics STPM32_V02 Datasheet HTML 4Page - STMicroelectronics STPM32_V02 Datasheet HTML 5Page - STMicroelectronics STPM32_V02 Datasheet HTML 6Page - STMicroelectronics STPM32_V02 Datasheet HTML 7Page - STMicroelectronics STPM32_V02 Datasheet HTML 8Page - STMicroelectronics STPM32_V02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
Figure 6. STPM32 pinout (top view), QFN24L 4x4x1
STPM32
2
3
4
5
XTAL1
LED1
LED2
CLKIN/XTAL2
6
INT1
1
CLKOUT/ZCR
17
16
15
14
VDDA
GNDA
GND_REG
13 GND_REF
18
VCC
GNDD
Table 1. STPM34, STPM33, STPM32 pin description
STPM34
STPM33
STPM32
Name
Description and multiplexed
function
Voltage range
Functional
section
1
1
1
CLKOUT/ZCR
-Zero-crossing output
-System clock output
From 0 to VCC
Multifunctional
2
2
2
CLKIN/XTAL2
-Input of external clock
-External crystal input 2
From 0 to VCC
Oscillator
3
3
3
XTAL1
-External crystal input 1
From 0 to VCC
Oscillator
4
4
4
LED1
-Pulse output 1
-Primary current SD bitstream
From 0 to VCC
Multifunctional
5
5
5
LED2
-Pulse output 2
-Secondary current SD bitstream
From 0 to VCC
Multifunctional
6
6
6
INT1
-Interrupt 1
-Primary voltage SD bitstream
From 0 to VCC
Multifunctional
7
7
-
INT2
-Interrupt 2
-Secondary voltage SD bitstream
From 0 to VCC
Multifunctional
8
8
7
EN
Enable pin
From 0 to VCC
Signal
9
9
8
VIP1
Positive voltage primary input
From -0.3 V to 0.3 V
Signal
10
10
9
VIN1
Negative voltage primary input
From -0.3 V to 0.3 V
Signal
11
11
10
IIP1
Positive current primary input
From -0.3 V to 0.3 V
Signal
12
12
11
IIN1
Negative current primary input
From -0.3 V to 0.3 V
Signal
STPM32, STPM33, STPM34
Pin configuration
DS10272 - Rev 13
page 5/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com