Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 36Page - STMicroelectronics STPM32_V02 Datasheet HTML 37Page - STMicroelectronics STPM32_V02 Datasheet HTML 38Page - STMicroelectronics STPM32_V02 Datasheet HTML 39Page - STMicroelectronics STPM32_V02 Datasheet HTML 40Page - STMicroelectronics STPM32_V02 Datasheet HTML 41Page - STMicroelectronics STPM32_V02 Datasheet HTML 42Page - STMicroelectronics STPM32_V02 Datasheet HTML 43Page - STMicroelectronics STPM32_V02 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
In the same way:
VSWELL: target RMS value of swell voltage
AV: voltage sensor gain
DSWELL= 210, length of swell threshold register
calV = 0.875, calibrator mid value
Following the above calculation we obtain the hexadecimal value of voltage swell threshold:
Table 16. Voltage swell
Parameter
Value
Register value
SWELLV=VSWELLVref∙AV∙ 2∙ R2R1+R2∙calV∙DSWELLHEX
Register LSB RMS value
LSBSWELL_V= Vref∙R1+R2
AV∙ 2∙R2∙calV∙DSWELL V
For the current swell, an analogue procedure can be followed:
ISWELL: target RMS value of swell current
kS: current sensor sensitivity [V/A]
AI: current sensor gain
calI= 0.875, calibrator mid value
The swell threshold is:
Table 17. Current swell
Parameter
Value
Register value
SWELLC=ISWELLVref∙AI∙ 2∙kS∙calI∙DSWELLHEX
Register LSB RMS value
LSBSWELL_C= Vref
AI∙ 2∙kS∙calI∙DSWELL A
8.4.11
Tamper detection
The device includes a tamper detection module (the STPM34 and STPM33 only).
To enable this feature, TMP_EN bit and TMP_TOL[1:0] tamper tolerance have to be set in DSP_CR3. Tamper
detection feature is disabled by default. It is possible to choose among four different tolerances according to
Table 18 :
Table 18. Tamper tolerance setting
TMP_TOL[1:0]
Tamper tolerance
0x00
TOL = 12.5%
0x01
TOL = 8.33%
0x10
TOL = 6.25%
0x11
TOL = 3.125%
Tamper module monitors active energy registers of the two channels. Tamper condition is detected when the
absolute value of the difference between the two active energy values is greater than the chosen percentage of
the averaged value. This occurs when the following equation is satisfied:
Equation 17
(17)
|EnergyCH1 - EnergyCH2| > TOL * |EnergyCH1 + EnergyCH2|
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 40/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com