Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 32Page - STMicroelectronics STPM32_V02 Datasheet HTML 33Page - STMicroelectronics STPM32_V02 Datasheet HTML 34Page - STMicroelectronics STPM32_V02 Datasheet HTML 35Page - STMicroelectronics STPM32_V02 Datasheet HTML 36Page - STMicroelectronics STPM32_V02 Datasheet HTML 37Page - STMicroelectronics STPM32_V02 Datasheet HTML 38Page - STMicroelectronics STPM32_V02 Datasheet HTML 39Page - STMicroelectronics STPM32_V02 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
If the voltage signal frequency is out of this range, PER_ERR status bit is set in DSP_SR1/2.
PER_ERR = 0: period in the range
PER_ERR = 1: period out of range
PER_ERR bit can be also set when a sag event is detected.
When PER_ERR bit is set, PHx_PERIOD[11:0] is not updated and keeps the previous correct value.
Setting the default line frequency through REF_FREQ bit in register DSP_CR3 speeds up the period calculation
algorithm convergence.
Phase-angle measurement
From the period information, the device calculates phase-delay between voltage and current for the fundamental
harmonic.
Cx_PHA[11:0] data for primary and secondary channel are located in DSP_REG17 and
DSP_REG19 respectively.
Phase-angle φ in degrees can be calculated from the register value as follows:
Equation 13
φ=Cx_PHA11:0
FClk
∙f∙360°
(13)
Resolution at 50 Hz is:
Equation 14
∆PℎaseAngle= 0x001125kHz∙50Hz∙360°=0.144°
(14)
When PER_ERR bit is set, Cx_PHA[11:0] is not updated and keeps the previous correct value.
8.4.10
Sag and swell detection
The device can detect and monitor the undervoltage (also called voltage dip or sag) and the overvoltage or
overcurrent events (swell).
A 4-bit event register stores every time that the sag or swell condition is verified.The event history is stored in
DSP_EV1 and DSP_EV2 registers as SAGx_EV[3:0], SWVx_EV[3:0] and SWCx_EV[3:0]. From the event
register, interrupts can be generated, and the event duration is stored in time registers: from DSP_REG16 to
DSP_REG19.
To correctly detect the event, thresholds have to be set from DSP_CR5 to DSP_CR8 as explained below.
To clear event history and time registers, once the event has been detected, ClearSS bit in DSP_CR1, DSP_CR2
has to be set. This bit is reset automatically.
To avoid a race condition on digital counters, a time register CLRSS_TO[3:0] (ClearSS reset time) can be set to
extend the reset duration of ClearSS bit. LSB of this register is 8 μs.
Status bits are also available in case of sag and swell events in DSP_SR1 and DSP_SR2, they can give the
information about the sag/swell event start or end and generate an interrupt if masked in DSP_IRQ1 and
DSP_IRQ2 registers.
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 36/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com