Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 12Page - STMicroelectronics STPM32_V02 Datasheet HTML 13Page - STMicroelectronics STPM32_V02 Datasheet HTML 14Page - STMicroelectronics STPM32_V02 Datasheet HTML 15Page - STMicroelectronics STPM32_V02 Datasheet HTML 16Page - STMicroelectronics STPM32_V02 Datasheet HTML 17Page - STMicroelectronics STPM32_V02 Datasheet HTML 18Page - STMicroelectronics STPM32_V02 Datasheet HTML 19Page - STMicroelectronics STPM32_V02 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
6
Terminology
6.1
Conventions
The lowest analog and digital power supply voltage is named GND and represents the system ground. All voltage
specifications for digital input/output pins are referred to GND. The highest power supply voltage is named VCC.
The highest core power supply is internally generated and is named VDDA. Positive currents flow to a pin. Sinking
current means that the current is flowing to the pin and it is positive. Sourcing current means that the current is
flowing out of the pin and it is negative. A positive logic convention is used in all equations.
Table 7. Convention table
Type
Convention
Example
Pins
All capitals
VDDA
Internal signal
All capitals are italic
VDDA
Configuration bit
All capitals are underlined
ROC1
Register name
All capitals are bold
DSP_CR1
6.2
Measurement error
The power measurement error is defined by the following equation:
(1)
e% =measuredpower−truepower
truepower
All measurements come from the comparison with a higher class power (0.02% error) meter reference. Output
bitstream of modulator is indicated as bsV and bsC for voltage and current channel respectively.
6.3
ADC offset error
This is the error due to DC component associated with the analog inputs of the A/D converters. Due to the internal
automatic DC offset cancellation, the STPM3x measurement is not affected by DC components in voltage and
current channel. DC offset cancellation is implemented in DSP thanks to a dedicated HPF.
6.4
Gain error
The gain error is due to the signal channel gain amplifiers.This is the difference between the measured ADC code
and the ideal output code. The difference is expressed as percentage of the ideal code.
STPM32, STPM33, STPM34
Terminology
DS10272 - Rev 13
page 16/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com