Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 51Page - STMicroelectronics STPM32_V02 Datasheet HTML 52Page - STMicroelectronics STPM32_V02 Datasheet HTML 53Page - STMicroelectronics STPM32_V02 Datasheet HTML 54Page - STMicroelectronics STPM32_V02 Datasheet HTML 55Page - STMicroelectronics STPM32_V02 Datasheet HTML 56Page - STMicroelectronics STPM32_V02 Datasheet HTML 57Page - STMicroelectronics STPM32_V02 Datasheet HTML 58Page - STMicroelectronics STPM32_V02 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
This example shows the correct dimensioning of a meter using a current transformer having the following
specification:
Table 33. Example 1 design data
Parameter
Value
VN nominal voltage
230 VRMS
IN nominal current
5 ARMS
IMax maximum current
40 ARMS
CP constant pulses
1000 imp/kWh
The dimension of the voltage channel considers the voltage divider resistor values as 770 kΩ and 470 Ω.
Setting CP= 64000 pulses/kWh (at LPWx = 1 - device default value) and according to calculation above the
following values are:
Table 34. Example 1 calculated data
Parameter
Value
Current sensor sensitivity
kS= Vref2∙CP∙ 1+R1R2
1800∙AV∙AI∙calV∙calI∙DClk=3.51mV/A
LED frequency at PN
LEDf=CP∙VN∙IN
3600000 =20.44Hz
VMAX
VMAX=12∙ VrefAV∙2∙R1+R2R2=347.8V
IMAX
IMAX=12∙ VrefAI∙2∙1kS=60.5A
IMIN
IMIN= Vref
AI∙calI∙kint∙kS∙215=5.97mA
LSBP
LSBP= Vref2∙ 1+R1R2
kint∙AV∙AI∙kS∙calV∙calI∙228=0.818mW/LSB
LSBE
LSBE= Vref2∙ 1+R1R2
3600∙DClk∙kint∙AV∙AI∙kS∙calV∙calI∙217=0.214mWs/LSB
To set the desired LED pulse output, division factor LED_PWM can be set through LPWx[3:0] bits in DSP_CR1
and DSP_CR2 configuration registers.
Table 35. LPWx bits, Cp, LED frequency relationships
LPWx
LED_PWM
CP [imp/kWh]
LED at PNom [Hz]
Pulse value [Ws]
0000
0.0625
1024000
327.11
3.52
0001
0.125
512000
163.56
7.03
0010
0.25
256000
81.78
14.06
0011
0.5
128000
40.89
28.13
0100
1
64000
20.44
56.25
0101
2
32000
10.22
112.50
0110
4
16000
5.11
225
0111
8
8000
2.56
450
STPM32, STPM33, STPM34
Application design
DS10272 - Rev 13
page 55/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com