Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 35Page - STMicroelectronics STPM32_V02 Datasheet HTML 36Page - STMicroelectronics STPM32_V02 Datasheet HTML 37Page - STMicroelectronics STPM32_V02 Datasheet HTML 38Page - STMicroelectronics STPM32_V02 Datasheet HTML 39Page - STMicroelectronics STPM32_V02 Datasheet HTML 40Page - STMicroelectronics STPM32_V02 Datasheet HTML 41Page - STMicroelectronics STPM32_V02 Datasheet HTML 42Page - STMicroelectronics STPM32_V02 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Figure 44. Swell detection process
VFUND
CFUND
SWV_THR
SWC_THR
SWV_EV/SWC_EV = 0000
0001 0010
0101
1011
SWV_TIME / SWC_TIME
0110
SWELL Event
Start
SWELL Event
End
SWELL Event
Start
Overflow
Reset state
SWELL Event
End
Sag and swell threshold calculation
Thresholds for sag voltage detection are calculated below, according to the following input parameters:
VL: line voltage nominal RMS value
VSAG: target RMS value of sag voltage
R1, R2: voltage divider resistors
AV = 2, voltage channel gain
DSAG= 210, length of sag threshold register
calV = 0.875, calibrator mid value
Table 15. Voltage sag
Parameter
Value
SAG peak voltage
VSAG_peak=VSAG∙ 2
Input signal
Vin_SAG_peak=VSAG∙ 2∙ R2R1+R2 V
Percentage of FS input
Vin_SAG_peak FS = VSAGVref∙AV∙calV∙ 2∙ R2R1+R2
Register value
SAGV=VSAGVref∙AV∙ 2∙ R2R1+R2∙calV∙DSAGHEX
Register LSB RMS value
LSBSAG_V= Vref∙R1+R2
AV∙ 2∙R2∙calV∙DSAG V
To calculate the filtering time for the sag event, we consider the time in which the nominal instantaneous voltage
is below the sag threshold, that is:
Equation 15
time=2∙arcsin VSAGVL ∙10002πfL ms
(15)
To correctly distinguish between normal sinusoidal voltage and sag event, the filtering time should be added to
this component, for example half line period (10 ms at 50 Hz). Since LSB of SAG_TIME_THRx register is 8 μs
(FCLK = 125 kHz), the value to set is:
Equation 16
TIME= time+dt8us HEX
(16)
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 39/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com