Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 37Page - STMicroelectronics STPM32_V02 Datasheet HTML 38Page - STMicroelectronics STPM32_V02 Datasheet HTML 39Page - STMicroelectronics STPM32_V02 Datasheet HTML 40Page - STMicroelectronics STPM32_V02 Datasheet HTML 41Page - STMicroelectronics STPM32_V02 Datasheet HTML 42Page - STMicroelectronics STPM32_V02 Datasheet HTML 43Page - STMicroelectronics STPM32_V02 Datasheet HTML 44Page - STMicroelectronics STPM32_V02 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
where TOL is selected according to Table 18.
Detection threshold is much higher than the accuracy difference of the current channels, which should be less
than 0.2%, but, some headroom should be left for possible transition effect, due to accidental synchronism of load
current change at the rate of energy sampling.
Tamper circuit works if energies associated with the two current channels are both positive or negative, if two
energies have different sign, a warning flag “TAMPER OR WRONG” in DSP_SR1 or DSP_SR2 is set.
The channel with higher energy is signaled by PHx TAMPER status bit in DSP_SR1 or DSP_SR2.
When internal signals are not good enough to perform the calculations, for example line period is out or range or
sigma-delta signals from analog section are stuck at high or low logic level, the tamper module is disabled and its
state is set to normal.
8.4.12
AH accumulation
In this particular tamper, the neutral wire is disconnected from the meter and the STPM3x does not sense the
voltage anymore, while it keeps sensing the current information. In these conditions, AH accumulator can be used
by the microcontroller to regularly calculate the billing based on a nominal voltage value due to the following
equation:
Equation 18
(18)
Energy = AH_ACC[31:0] · LSBAH_ACC · VNOM [Wh]
Figure 45. AH accumulation block
AH_ACC[31:0]
Σ
IRMS[17:0]
DCLK
The accumulation of current values is controlled by AH status bit. AH bit is set when PER_ERR = 1 and real
values of current overcome an upper threshold set in AH_UPx[11:0] in DSP_CR9 and DSP_CR11. This bit is
cleared when RMS current drops below AH_DOWNx[11:0] threshold in DSP_CR10 and DSP_CR12.
To stabilize the current accumulation, SAG event should be monitored by setting some thresholds in the related
register.
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 41/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com