Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 15Page - STMicroelectronics STPM32_V02 Datasheet HTML 16Page - STMicroelectronics STPM32_V02 Datasheet HTML 17Page - STMicroelectronics STPM32_V02 Datasheet HTML 18Page - STMicroelectronics STPM32_V02 Datasheet HTML 19Page - STMicroelectronics STPM32_V02 Datasheet HTML 20Page - STMicroelectronics STPM32_V02 Datasheet HTML 21Page - STMicroelectronics STPM32_V02 Datasheet HTML 22Page - STMicroelectronics STPM32_V02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
8
Theory of operation
8.1
General operation description
The STPM3x product family measures up to two line voltages and two line currents to perform active, reactive
and apparent power and energy, RMS and instantaneous values, and line frequency information measurement of
a single, split or poly-phase metering system.
The STPM3x generates up to two independent train pulse output signals proportional to the active, reactive,
apparent or cumulative power. It also generates up to two programmable interrupt output signals.
The internal register map and the configuration registers can be accessed by SPI or UART interface.
The STPM3x converts analog signals, through four independent channels in parallel via sigma-delta analog-to-
digital converters, into a binary stream of sigma-delta signals with the appropriate not overlapped control signal
generator.
This technique fits to measure electrical line parameters (voltage and current) via analog signals from voltage
sensors and current sensors (inductive Rogowski coil, current transformer or shunt resistors). Current channel
inputs are connected, through external anti-aliasing RC filter, to a Rogowski coil or current transformer (CT) or
shunt current sensor which converts line current into the appropriate voltage signal. Each current channel
includes a low-noise voltage preamplifier with a programmable gain. Voltage channels are connected to a line
voltage modulator (ADC). All channels have quiescent zero signal point on GND, so the STPM3x samples
differential signals on both channels with their zero point around GND.
The converted sigma-delta signals feed an internal decimation filter stage that decimates 4 MHz bitstreams of a
factor 512 allowing a 3.6 kHz bandwidth at -3 dB. The 24-bit voltage and current data feed an internal
configurable filtering block and the hardwired DSP that performs the final computation of metrology quantities.
The STPM3x also includes two programmable temperature compensated bandgap reference voltage generators
and low drop supply voltage regulator. All reference voltages are designed to eliminate the channel crosstalk.
The mode of operation and configuration of the device can be selected by dedicated configuration registers.
8.2
Functional description of the analog part
The analog part of the STPM3x consists of the following sections:
•
Power management section:
–
Reference voltage generators with programmable independent temperature compensation
–
+3 V low drop supply voltage regulator
–
+1.2 V low drop supply voltage regulator
•
Analog front end section:
–
Preamplifiers in the two current channels
–
2nd order sigma-delta modulators
•
Clock generator
•
Power-on-reset (POR)
8.2.1
Power management section
Supply pins for the analog part are: VCC, VDDA, VDDD and GND. GND pins represent the reference point.
VCC pin is the power supply input namely +3.3 V to GND_REG, it has to be connected to GND_REG via a 1 μF
capacitor.
VDDA and VDDD are analog output pins of internal +3.0 V and +1.2 V low drop voltage regulators.
At least 1 μF capacitor should be connected between VDDA and GNDA. At least 1 μF (better 4.7 μF) capacitor
should be connected between VDDD and GNDD. The input of the mentioned regulators is VCC.
There are two voltage references embedded in the STPM33 and STPM34, while the STPM32 embeds a single
reference.
It is possible to switch off each reference voltage and each voltage or current channel independently for power
saving purpose.
EN_REF1 and EN_REF2 bits in DSP_CR1 and DSP_CR2 switch on/off the voltage reference.
STPM32, STPM33, STPM34
Theory of operation
DS10272 - Rev 13
page 19/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com