Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 34Page - STMicroelectronics STPM32_V02 Datasheet HTML 35Page - STMicroelectronics STPM32_V02 Datasheet HTML 36Page - STMicroelectronics STPM32_V02 Datasheet HTML 37Page - STMicroelectronics STPM32_V02 Datasheet HTML 38Page - STMicroelectronics STPM32_V02 Datasheet HTML 39Page - STMicroelectronics STPM32_V02 Datasheet HTML 40Page - STMicroelectronics STPM32_V02 Datasheet HTML 41Page - STMicroelectronics STPM32_V02 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
Figure 43. Sag detection process
VFUND
+ SAG_THRx
SAG_TIME
SAG_EV = 0000
0001
0010
0101
1011
SAG_TIME_THR
- SAG_THRx
SAG_TIME_THR
SAG Event
Start
SAG Event
End
SAG Event
Start
Overflow
Reset state
Voltage/current swell detection
To detect a voltage or a current swell, the fundamental component of signal is compared to the 10-bit threshold
SWV_THRx[9:0] and SWC_THRx[9:0] in DSP_CR5, DSP_CR6, DSP_CR7 and DSP_CR8.
When the signal overcomes the threshold, a swell event is detected and LSB of SWVx_EV[3:0] or SWCx_EV[3:0]
event register is set. At the same time, SWELL_Start bit is set in the interrupt status register and an interrupt can
be generated.
If the swell event ceases, SWV_EV or SWC_EV register is shifted and its LSB is set to zero, also SWELL_End bit
in the interrupt status register is set.
The duration of the event is stored in SWV_TIME[14:0] or SWC_TIME[14:0] in registers from DSP_REG16 to
DSP_REG19 for primary and secondary voltage and current channel respectively.
If the overflow of SWV_TIME or SWC_TIME register occurs, the related SWVx_EV and SWCx_EV register is left
shifted and its LSB is set, as shown in figure below.
LSB of time registers is 8 μs.
To disable swell detection, the registers SWV_THRx and SWC_THRx must have maximum value 0x3FF.
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 38/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com