Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 3Page - STMicroelectronics L6000 Datasheet HTML 4Page - STMicroelectronics L6000 Datasheet HTML 5Page - STMicroelectronics L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SYSTEM DESCRIPTION
Pulse Detector Section
Fast attack/decay modes for rapid AGC recovery.
Dual rate charge pump for fast transient recovery.
Low Drift AGC hold circuitry supports programma-
ble gain, non-AGC operation. Temperature com-
pensated, exponential control AGC. Shorted input
switch for transient recovery, during Power down
& Write to read & Idle mode transitions. Wide
Bandwidth, high precision full-wave rectifier. Dual
mode pulse qualification circuitry allows either in-
dependent positive and negative threshold qualifi-
cation to suppress error propagation or hysteresis
comparison wich implements alternating polari-
ties. Differential qualifier comparator. TTL READ
DATA I/O signal
output available during servo
and idle modes. Timing for shorted inputs and
fast decay functions set internally. 0.5 ns max.
pulse pairing with sine wave input.
Embedded Servo Demodulator Section
Dual servo burst (A/B) capture with Position Error
Signal Output. Servo AGC mode which holds sum
of A and B bursts constant. Provision for on-chip
switching of the hysteresis threshold time con-
stant.
Programmable Filter Section
Programmable filter cutoff frequency (fc = 6 to 18
MHz). Programmable pulse slimming equalization
(0 to 9 dB Boost at the filter cutoff frequency).
Matched path timing normal and differential low-
pass outputs. Differential filter input and outputs
for noise rejection
±10% cutoff frequency accu-
racy.
±2% maximum group delay variation in the
passband maintained over the cutoff frequency
tuning range ( fc=6 to 18 MHz ). Total harmonic
distortion less than 1.5 %. No external filter com-
ponents required. Shorted input switch for tran-
sient recovery, during Power down & Write to
Read & Idle mode transitions.
Frequency Synthesizer and Data Separator
Section
1% frequency resolution. Data synchronizer and
1.7 RLL ENDEC. Fast acquisition phase lock loop
with zero phase restart both to data and synthe-
sizer. Fully integrated data separator. No external
delay lines or active devices required. No external
active PLL components required. Active window
centering symmetry control via serial port. Win-
dow shift control
±30%. Includes delayed read
data and VCO clock monitor tests points. Pro-
grammable write precompensation. Hard and soft
sector operation.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-Ambient
100
°C/W
Rth j-case
Thermal Resistance Junction-Case
20
°C/W
RECOMMENDED OPERATING CONDITIONS
Vccn
Supply Voltage
4.3 to 5.5
V
Tamb
Operating Ambient temperature
0 to 70
°C
Tj
Junction Temperature
25 to 125
°C
L6000
7/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com