Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics L6000 Datasheet HTML 20Page - STMicroelectronics L6000 Datasheet HTML 21Page - STMicroelectronics L6000 Datasheet HTML 22Page - STMicroelectronics L6000 Datasheet HTML 23Page - STMicroelectronics L6000 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
1.7 RLL ENCODING
Previuos RLL
Code Word
Last Bits
NRZ Data Bits
Present
Next
RLL
Code Bits
X
X
X
X
1
1
0
0
X
X
X
X
Y2’
0
0
0
0
0
0
0
0
1
1
1
1
Y3
1
1
1
1
0
0
0
0
0
0
0
0
D1
0
0
1
1
0
0
1
1
0
0
1
1
D2
0
1
0
*
0
1
0
1
0
1
0
*
D3
X
X
0
*
X
X
X
X
X
X
0
*
D4
1
1
0
1
0
0
0
0
0
0
0
0
Y1
0
1
1
0
0
0
0
0
0
1
1
0
Y2
1
0
0
0
1
0
1
0
1
0
0
0
Y3
X = Do Not Care
* = Not All Zeros
1, 7 RLL CODE SET
Read Mode
The phase comparator enters its phase only com-
pare mode after three cycles of a 3T pattern. This
means that the leading edge of
READ DATA
arms the comparator and then the phase com-
parison is done between the trailing edge of
READ DATA and the rising edge of the closest
VCO cycle. The time between the two READ
DATA edges is 1 VCO cycle, or 1/3 bit cell and is
generated by an internal one-shot and the PLL
Control DAC.
The Window Shift function of the L6000 is pro-
vided for testing purposes, and advanced recov-
ery from read errors. To shift the bit position from
its nominal centerd position in the decode win-
dow, a value is written to the WinShift register via
the serial interface. The shift value will take effect
after SERIAL ENABLE is deasserted. The direc-
tion is determined by the Direction bit in the regis-
ter. See the Register Definition section for the
complete set of values and their effect. To do the
Window shift function, the WinShift register sets a
current in the WS DAC wich than adds or sub-
tracts current in the 1/2 VCO cycle delay for the
Data Synchronizer. This then changes the posi-
tion of the trailing edge of the READ DATA pulse
at the Synchronizer ONLY. Since the edge posi-
tion doesn’t change relative to the VCO at the
phase lock is unaffected, and only the bit position
is moved inside the decode window in the Syn-
chronizer.
The VCO has a zero phase restart feature which
allows for very quick acquisition of the READ
DATA phase being recovered from the disk. The
VCO is kept at frequency Fout during Idle mode,
and when Preamble is detected, the zero phase
restart first turn OFF the VCO, then restarts it in
phase with the first received data bit.
ABOVE VOLTAGE MONITOR
The above voltage bit is used to actively center
the bit in the window by trimming the operating
current of PLL Control DAC to its midpoint of op-
eration.
To optimize this time from temperature and proc-
ess variations, the Above Voltage check should
be performed on a periodic (at least every fre-
quency switch) basis. This will center the operat-
ing point of the VCO and set the 1/2 VCO cycle
delay closet to nominal.
Above Voltage monitor bit (Register 4, B7):
This feature allows the drive microprocessor to
set the VCO to the center of its capture range,
and to remove any offset error from the delay
one-shots in the Data Separator. By changing the
setting of the VCO center register (04), the drive
microprocessor caN maxime the loop lock range
(and minimize margin timing error at power up).
The comparator driving this bit allows for setting
the VCO DAC (Register 04) to place the Data
Separator VFO to its mid-point of operation. It is
intended for use a power-up time calibration, but
can be done at any time power is applied to the
L6000. The microprocessor which loads the regis-
ter values monitors this bit in the following algo-
rithm:
1.Set the Numerator and Denominator values
for the first data rate in Register 0E and 06,
respectively.
2. Write the nominal value chosen to the VCO,
DAC, Register 04.
3.Read the Above Voltage bit: if it is HIGH, de-
crease the value in Register 04 by 1. If it is
LOW, increase the value in Register 04 by 1.
4.Read the bit again; if it has reversed polarity
store the value written to Register 04 as the
Calibrated VCO DAC Register 2 value for fu-
ture use when in that zone. If it has not, re-
peat step 3.
5.Repeat the same procedure (steps 1 to 4) for
all zones and store the Calibrated Register 2
values for future use.
Soft Sector - Read Back
The assertion of READ GATE initiates the lock up
sequence. The lock up sequence proceedes as
follows:
1.An Address Mark is searched for. The Ad-
dress Mark consists of two sets of 7 0s, 1, 11
0s, 1, 11 0s, 1. When the L6000 detects 6 0s,
then detects 9 0s, TWICE, it generates the
Address Mark found condition, and asserts
ADDR MARK DET. ADDR MARK DET will re-
main asserted until the end of the Read op-
eration. If the 9 0s are not detected within 5
data bits of the 6 0s field, the circuit will auto-
L6000
20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com