Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics L6000 Datasheet HTML 20Page - STMicroelectronics L6000 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
WRITE operation format is the following. The first
bit is LOW, meaning write, followed by the 7bit
register address, LSB first. The last 8 bits then
are the data to be written to the register, also LSB
first. During this to entire operation, SERIAL
DATA I/O is an active input. The READ operation
format is the following. The first bit now is HIGH,
meaning read, and that is followed by the 7bit
register address, LSB first. Upon receipt of the
last bit of address, the pin SERIAL DATA I/O
turns and becomes an active output, and outputs
the 8 bits stored in the addressed register, LSB
first on the following 8 SERIAL CLOCK+s.
Pulse Detector and Servo Demodulator
The purpose of the Pulse Detector is to qualify
and detect the position of flux transitions written
on the disk. The first stage of the Pulse Detector
is the AGC amplifier. It is a wideband, differential
amplifier which characteristic (Gain vs. Voltage) is
positive slope and linear in DB and thermal com-
pensated. The amplifier inputs have a low-imped-
ance state where the inputs are shorted by a FET
switch during modes where transients are likely to
occur. The amplifier gain is controlled by 2 ca-
pacitors connected to to the DATA BYP and
SERVO BYP pins. The capacitor which controls
the gain is selected by the SERVO GATE signal,
asserted meaning Servo.
In modes where the
AGC is powered on, the selected capacitor will be
charged from a dual rate charge pump. When the
individual signals HOLD DATA AGC and HOLD
SERVO AGC are asserted, the respective capaci-
tors are disconnected from the charge pumps, but
they remain in control of the AGC gain. If a fixed
gain is desired, a voltage divider can be con-
nected to either DATA BYP or SERVO BYP pin.
In order to minimize the time required to restore
the correct AGC output amplitude, the input
switching to unshorted inputs and the AGC at-
tack/delay currents are under timed, state control.
The time to restore the inputs and AGC to normal
operation is set to 1 usec. However, the AGC at-
tack is controlled by amplitude and may take
longer to settle. The nominal AGC attack (dis-
charge) current is set to 0.18 mA but is increased
to 1.3 mA when the AGC amplitude exceedes
1.25 times its set point. The nominal AGC decay
current is increased from 0.004 mA to 0.080 mA
in the recovery fast/decay mode. The high decay
current of 80uA is only on for the second micro-
second after the mode switch initiates the AGC
reacquisition. Note that the fast Decay current is
available in the recovery mode, while any ampli-
tude transient over the threshold will activate the
fast Attack current.
The modes where the inputs go from shorted to
unshorted are :
1) From Full Power Down either Servo mode
(SERVO GATE active)
2) From Full Power Down to Idle mode.
3) From Full Power Down to Read mode.
4) From Write to Read mode.
5) From Write to Idle mode.
The modes where the inputs go from unshorted
to shorted are : 1) From Read to Write mode. 2)
From any mode to Full Power Down mode.
The modes where the fast attack and decay cur-
rents become active are :
1) From Full Power Down to Idle mode.
2) From Full Power Down to Read mode.
3) From Write to Read mode.
Nominally the AGC amplifier outputs will be AC
coupled to the Active Filter outputs and then the
Active Filter outputs, both Normal and Differential
will be AC coupled back to the Pulse Detector
block.
Pulse Detector
This block has 4 inputs, 2 fully differential pairs.
The CLOCK PATH inputs are a zero crossing de-
tector, zero crossing assumed to occur at the am-
plitude peaks of the pulses. This input pairs shall
be connected to the Active Filter differentiator.
The DATA PATH inputs are amplitude ( threshold
) qualifiers and are to be connected to the Active
Filter normal outputs. Call factory for schematic
for the recommended connection in the system.
Dual threshold comparators are available in the
Pulse Detector. If the DEDC bit is set in the
DataVth register ( ROA ), then separate compari-
sons are done on negative and positive peaks. If
the bit is reset, then the polarity of the next pulse
to be qualified must be opposite of the last. This
check can lead to a 2 bit missing error for just 1
pulse under threshold. The threshold used for
comparison is set in the two threshold register
DataVth and ServoVth. These register feed the
threshold DAC (VTHDAC) which developes the
actual floating hysteresis level and thresholds
from the input LEVEL (a bufferred signal rectified
from the filter normal outputs. The hysteresis is
always a percentage, of 0.7 the peak to peak
swing at DATA PATH inputs, and is accurate from
10 to 80 % with a 1 % accuracy. The floating hys-
teresis generator also has a time constant which
is developed from the components connected to
SERVO TC RES, DATA TC RES, LEVEL, and
LEVEL REF V. This time constant is, in effect, a
time domain filter implemented in the qualifier
channel that has the purpose to realize an enve-
lope detector on the rectified signal feeding the
DATA PATH inputs. The two constant is changed
depending on SERVO GATE state.. Recom-
mended values for Rext on SERVO TC RES and
DATA TC RES is TBD ; for Cext on LEVEL and
LEVEL REF V it is TBD. The output of the Pulse
Detector block is READ DATA I/O, and this pin is
active ONLY in the Idle and Servo modes. It is an
approximately 24 nsec negative going TTL com-
L6000
17/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com