Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics L6000 Datasheet HTML 20Page - STMicroelectronics L6000 Datasheet HTML 21Page - STMicroelectronics L6000 Datasheet HTML 22Page - STMicroelectronics L6000 Datasheet HTML 23Page - STMicroelectronics L6000 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
matically restart the Address Mark search.
2.Preamble is recognized upon the presence of
three cycles of a 3T pattern.
3.Recognition of preamble switches phase de-
tector input from the Fout divide by 2 refer-
ence clock to delayed readback data (DRD)
4.The VCO is zero phase error restarted to the
3 x 3T readback pulse seen after switching of
the phase detector input.
5.Depending on the state of the GS bit in the
Control B register:
If GS is set:
a)The IC will count 8 more data bits (3T peri-
ods) and then will decrease the charge
pump current to 1/3 its lock up value. After
8 more data bits, the data Synchronizer
starts to decode NRZ. The switchover for
READ REF CLOCK from Fout divided by 3
to VCO divided by 3 is made, without
glitches.
If GS is reset:
b) The IC will count 16 more data bits (3T
periods) and the charge pump current is
NOT changed. All operations as in GS set
then occur. Decoding specifically starts
later by 8 bits if GS is reset.
6.RRC clock is output from the pin READ REF
CLOCK and decoded data is output from the
pin READ NRZ OUTPUT until READ GATE
deasserts.
Hard Sector - Read Back
In Hard Sector, the SOFT bit in Control B register
has been reset. The lock up sequence procedees
as follows:
1.An Address Mark is not searched for and
ADDR MARK DET remains inactive.
2.Preamble is recognized upon the presence of
three cycles of a 3T patern.
3.Recognition of preamble switches phase de-
tector input from the Fout divide by 2 refer-
ence clock to delayed readback data (DRD).
4.The VCO is zero phase error restarted to the
first readback pulse seen after switching of
the phase detector input.
5.The rest of the Read mode sequence is iden-
tical to the Soft Sector submode.
Window Shift Control
Window shift magnitude is set by the value in the
Window Shift (WS) register. The register bits are
defined as follows:
Bit
Symbol
Description
0
1
2
3
4
5
6
7
WSO
WS1
WS2
WS3
WSD
WSE
TDACO
TDAC1
Window Shift LSB
Window Shift
Window Shift
Window Shift MSB
Window Shift Direction
Enable Window Shift
Control Bit for DAC Testing
Control Bit for DAC Testing
WSD - Window Shift direction control
0
≥ Early window (+TS)
1
≥ Late window (-TS)
Window Shift magnitude control bits:
WS3
WS2
WS1
WS0
Shift Magnitude (% of
the decode window)
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
No shift
2% Minimum shift
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
26%
28%
30% Maximum shift
for example the shift magnitude corresponding to
2% at 10 Mbit/s data rate is 0.667ns. This is 2%
of TVCO since the decode window is 2*TVCO. Its
tolerance is
±25%. WSE, WSD, WS3, WS2, WS1,
and WS0 are programmed through the serial port
during the idle or write mode.
Write Mode
Write mode takes WRT DATA NRZ IN and
WRITE CLOCK as input, which this mode then
encodes to (1,7) RLL format pulse stream. Again,
there is a SOFT and HARD sector mode for
Writes. WRITE GATE must be asserted no less
than 1 RRC clock period AFTER READ GATE
has been dessearted. This is to allow for clock
deglitching. There is a register which becomes
important only during Write Mode: the Write Pre-
compensation register (R0D). If the WPE bit is
set, the data being written to the disk will be pre-
compensated by the magnitude specified, and ac-
cording to the algorithm in the following Table.
Soft Sector
The write operation sequence is:
1.WRITE GATE input is asserted and WRT
DATA NRZ IN should be a pattern of 80H or
FFH followed by 8 bytes of 0. This is to allow
L6000
21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com