Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics L6000 Datasheet HTML 20Page - STMicroelectronics L6000 Datasheet HTML 21Page - STMicroelectronics L6000 Datasheet HTML 22Page - STMicroelectronics L6000 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Synthesizer phase comparator. The Frequency
Synthesizer VCO is fed to divide by M+1 counter,
and the counter output is the other phase compa-
rator input.
This develops the frequency:
Fout
= (
M
+ 1
)
(N + 1)
FREF
Note : For the new value in the M and N registers to be transferred
to their respective counters, the VCO Center Frequency DAC register
must be loaded with its value. This means the normal order of register
writes to change the Frequency Synthesizer output frequency would
be:
1) Write M and/or N register with its ( their ) new value ( s ).
2) Write the VCO Center Frequency register with its new value.
The RREF is choosen to set the frequency range
of both the FDSVCO and the DSVCO.
CLOCKS AND MODES
WRITE
GATE
READ
GATE
VCO
REF
RRC
DECCLK ENCCLK
MODE
O
O
1
0
1
0
Fout/2
DRD
Fout/2
Fout/3
VCO/3
Fout/3
Fout/2
VCO/2
Fout/2
Fout/2
Fout/2
Fout/2
IDLE
READ
WRITE
Notes: 1 Until the VCO locks to the new source, the VCO/2 entries
will be FREQ OUT TP/2.
2: Until the VCO locks to the new source, the VCO/3 entries will be
FREQ OUT TP/3
3: WRI TE GATE = READ GATE = 1 is undefined and illegal
Data Separator
The data separator circuit is a complete 1.7 RLL
ENDEC data recovery circuit. In the read mode,
the circuit performs data synchronization, sync
field search and detect, address mark detect,
Read-back clock generation and data decoding.
In the write mode, the circuit converts NRZ data
into the ( 1.7 ) RLL format described in the Table
1, performs write precompensation, generates the
preamble field and inserts address marks as re-
quested.
The data rate used for recovery is determined by
the VCO Center Frequency DAC, otherwise
called the PLL Control DAC and the external re-
sistor RREF connected to the pin DS IREF and
Data Separator GND. The differential filter con-
nected to the pins DATA SEP FLT and DATA
SEP FLT determine the loop gain, bandwidth and
damping. A second order filter is recommended in
most systems, and the filter will determine the
system characteristics. The phase comparator of
the Data Separator PLL utilizes phase only com-
parisons when locked to the disk data stream,
only making a phase comparison when a data bit
is available. In the frequency comparison mode, a
phase compare is is done to every VCO transi-
tion. This latter is done whenever the PLL is pow-
ered on and data is NOT being read from the
disk. By acquiring both phase and frequency lock
to the input reference frequency and utilizing a
zero phase restart technique, VCO transients are
minimized and false lock to READ DATA is elimi-
nated. The two control inputs READ GATE and
WRITE GATE directly switch the operations of
the Data Separator. In addition, there are two fur-
ther submodes split between the Hard Sector
mode of operation and the Soft Sector. Hard Sec-
tor operation is selected by resetting the SOFT bit
control B register via the serial interface. The as-
sertion of READ GATE causes the Data Separa-
tor to enter the lock up sequence, and Read
mode. Read mode continues until READ GATE
deassertion. The assertion of
WRITE GATE
causes the Separator to enter Write mode.
WRITE GATE should not be deasserted until the
last bit is written on the disk. Assertion of BOTH
signals at once is illegal and will lead to unpre-
dictable results.
Figure 2: Normalized block diagram for filter
Normalized for
ωc =2Πfc =1
AN and AD are adjusted for a gain of 2 @ f = 0.67fc
to denormalized the frequency it is necessary to substitude s with
s
2
Π fc
L6000
19/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com