Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PULSE DETECTOR AND SERVO DEMODULATOR CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Data Comparator Section
(The input signals are AC coupled to DATA PATH and DATA PATH)
DATA PATH/
DATA PATH
Signal Range
1
1.5
Vpp
Differential Input resistance
8
14
K
Differential Input capacitance
5
pF
Comparator Offset Voltage
(*)
––
±4mV
Threshold Voltage Hysteresis
(*)
20Kth
%
Kth
Threshold Voltage Gain
0.3
≤ ( LEVEL-LEVEL REF V) ≤
0.75, Kth = VTHDAC*0.651/127,
38 < VTHDAC < 125,
Vthresh = KTH*(LEVEL-LEVEL
REF V), also, %hyst =
VTHDAC*97.6%/127
Kth-9%
Kth
Kth+9%
V/V
Minimum Threshold Voltage
LEVEL-LEVEL REF V
≤ 0.1V,
Vthmin = VTHDAC*0.099/127
(*)
Vthmin
V
Clocking Section
(The input signals are AC coupled to CLOCK PATH and CLOCK PATH)
CLOCK PATH-CLOCK PATH
Signal Range
1.5
Vpp
Comparator Offset Voltage
(*)
––
±4mV
Differential Input Resistance
8
14
K
Differential Input Capacitance
5
pF
Pulse Paring
Vs = 1Vpp, F = 4MHz
0.5
ns
Prpagation Delay to READ
DATA I/O
Vs = 20mVpp sq. wave
4
12
20
ns
Servo Section
SERVO REF V Voltage Range
2.15V
≤ SERVO REF V ≤ 2.75V
2.15
2.50
2.75
V
SERVO REF V Input Bias
Current
–1
0.2
1
µA
Voltage Gain, SERVO REF V
to POSITION OUT
|HOLD CAP A-HOLD CAP B|
0.4V
0.98
1.0
1.02
v/v
POSIT ION OUT Pin Offset
Voltage
HOLD CAP A-HOLD CAP B =
0V, SERVO REF V = 2.50V
–0
±12
mV
POSITI ON OUT Pin High
HOLD CAP A-HOLD CAP B =
+1.8V
Vcc
PULSE
Vcc
PULSE
V
Level Output Voltage
SERVO REF V = 2.50V,
Isource = 0.5mA
DET-
1.5
DET-
0.3
POSITI ON OUT Pin Low
HOLD CAP A-HOLD CAP B =
-1.8V
GND
PULSE
GND
PULSE
V
Level Output Voltage
SERVO REF V = 2.50V Isink =
0.5mA
DET
+0.3
DET
+1.5
RO
POSITI ON OUT Pin Output
Resistance
VNG+1.5V
≤ POSITION
OUT
≤ VPG-1.5V
––
50
POSIT ION OUT GAIN
(POSITION OUT-SERVO REF
V)/Vpp
1.8
V/Vpp
(2)
HOLD CAP A/B Charge Current
Absolute Value
4
mA
(*) Guaranted by design.
(2) Test limits under evaluation.
L6000
10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com