Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics L6000 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
asserted, then the SERIAL CLOCK+ is driven
with the positive edge latching the state of SE-
RIAL DATA. The actual data is latched into each
register in the L6000 when SERIAL ENABLE is
disasserted, so this signal MUST be driven low
after EACH register write; failure to deassert SE-
RIAL ENABLE before a 17th SERIAL CLOCK+
will erase ( invalidate ) the previous 16 clock cy-
cles. This also precludes SERIAL CLOCK+ from
being a free running clock in the system. The
The internal register map for the serial port is shown below:
Address Bits
Blk Diagr.
Address
Symbol
Function
LSB
MSB
0
0
1
1
0
0
0
0
0
0
1
1
0
1
1
1
1
1
1
1
1
1
0
0
0
0
2
0
0
0
0
0
0
1
1
1
1
1
1
3
0
0
1
1
0
1
0
1
0
0
1
1
4
0
0
0
0
1
1
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
0
0
0
0
6
0
0
0
0
0
0
0
0
0
0
0
0
R02
R03
R0B
R0A
R12
R1A
R06
R0E
R04
R05
R0D
R0C
PD
FCutoff
FBoost
DVTH
SVTH
CA
PSNN
PSMM
VCO CENT
WIN SHIFT
WRT PREC
CB
Power Down Mode Control
DACF-Filter cutoff Frequency Control
DACS-Filter Boost Control
Pulse Detector Voltage Threshold Control (Data Read Mode)
Pulse Detector Voltage Threshold Control (Servo Read Mode)
Control A (Pulse Detector, Filter, frequency synthesizer Control)
Counter Value (frequency synthesizer)
Counter Value (frequency synthesizer)
VCO Center Frequency
Window Shift Magnitude,Direction
Write Precomp magnitude
Control B (Data Separator, Endec Control)
The bit map of each register (except CA, CB & PD) is as follows:
FCutoff register
FBoost register
DVTH register
SVTH register
PSN register
PSM register
VCO CENT register
WIN SHIFT register
WRT PREC register
X
X
DEDC
SEDC
X
M7
FSC
TDAC1
X
FC6
FB6
VD6
VS6
N6
M6
DR6
TDAC0
X
FC5
FB5
VD5
VS5
N5
M5
DR5
WSE
X
FC4
FB4
VD4
VS4
N4
M4
DR4
WSD
X
FC3
FB3
VD3
VS3
N3
M3
DR3
WS3
WP3
FC2
FB2
VD2
VS2
N2
M2
DR2
WS2
WP2
FC1
FB1
VD1
VS1
N1
M1
DR1
WS1
WP1
FC0
FB0
VD0
VS0
N0
M0
DR0
WS0
WP0
where:
X = Unused bit or don’t care bit
DEDC = Enable dual comparator qualifier in Data read mode.
SEDC = Enable dual comparator qualifier in Servo read mode.
FSC = The frequency synthesizer back comparator state
TDAC1 = DAC Testing control bit #1
TDAC0 = DAC Testing control bit #0
Control register CA:
Control register CB:
Bit
Symbol
Function
Bit
Symbol
Function
0
EPDT
Enable Phase Detector (frequency
synthesizer)
0
DW
Direct Write (Bypass Endec)
1
UT
Pump Up (FLTR1 sources current,
FLTR1 sinks current) Test mode
1
GS
Enable Phase Detector Gain
Switching
2
DT
Pump Down (FLTR1 sinks current,
FLTR1 sources current) Test Mode
2
READ DATA I/O Pin Input Control
3
ET
Enable frequency synthesizer Circuit
Function
3
EPDD
Enable Phase Detector (Data
Separator)
4
BYPT
Bypass frequency synthesizer Circuit
Function
4
UD
Pump Up (FLTR2 sources current,
FLTR2 sinks current) Test mode
5
PD
TEST Enable Pulse Detector Test
Points, COUT and DOUT
5
DD
Pump Down (FLTR sinks current,
FLTR2 sources current) Test mode
6
FDCT
Force AGC Charge Pump into Fast
Decay Mode
6
ED
Enable Data Separator Test Point
Outputs
7
Unused
7
SOFT
Select Soft or Hard Sector Operation
L6000
16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com