Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 1 Page - STMicroelectronics

  L6000 Datasheet HTML 1Page - STMicroelectronics L6000 Datasheet HTML 2Page - STMicroelectronics L6000 Datasheet HTML 3Page - STMicroelectronics L6000 Datasheet HTML 4Page - STMicroelectronics L6000 Datasheet HTML 5Page - STMicroelectronics L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
L6000
SINGLE CHIP READ & WRITE CHANNEL
ADVANCE DATA
SUPPORTS 9-32Mbit/s DATA RATE OPERA-
TION IN RLL [1,7] CONSTRAINT
- Data Rate is Programmable
SUPPORTS ZONED BIT RECORDING AP-
PLICATIONS
LOW POWER OPERATION (500mW TYPI-
CAL @ 5V @ 32Mbits/Sec
PROVIDES PROGRAMMABILITY THROUGH
SERIAL MICROPROCESSOR INTERFACE
AND INTERNAL REGISTERS
- Bi-directional access to internal registers of
pulse detector, filter, servo demodulator,
frequency synthesizer and data separator.
PROGRAMMABLE POWER DOWN MODES
Full power-down mode (5mW max.)
POWER SUPPLY RANGE 4.3 to 5.5V
DESCRIPTION
The L6000 is a 5V single chip read channel IC. It
contains all the functions needed to implement a
high performance read channel including the
pulse detector, programmable active filter, servo
demodulator, frequency sinthesizer, and data
separator, at data rates up to 32 Mbit/s. A single
external resistor sets the reference current for the
internal DAC which, in turn, fixes the data rate.
This device is programmed through a serial port
and banks of internal registers. It is fully compat-
ible with zoned bit recording applications. Exter-
nal components do not need to be changed when
switching between zones. The L6000 is manufac-
tured using an advanced BiCMOS technology.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
August 1993
43
42
41
40
39
23
24
25
26
27
DATA PATH
FI LT NORM OUT
FI LT NORM OUT
FI LT DIFF OUT
FI LT DIFF OUT
READ REF CLOC K
WRIT E CLOC K
MULT T P1
MULT T P2
GND I/O
M92L6000-01
54
55
56
57
58
18
19
20
21
22
VCC PULSE DET
FILT ER IN
FILT ER IN
PTAT R
AGC O UT
WRIT E DATA NR2 IN
READ NR2 O UTPUT
WRIT E DATA
VCC I/O
WRIT E GATE
38
37
36
35
34
11
12
13
14
15
33
16
59
17
AGC O UT
READ GATE
60
61
62
63
64
6
789
10
48
47
46
45
44
12345
28
29
30
31
32
LEVEL
LEVEL REF V
CLOC K PATH
CLOC K PATH
DATA PATH
DATA SEP FLT
DATA SEP FLT
VCC DATA SEP
READ DATA I/O
ADDR MARK DET
49
50
51
52
53
PIN CONNECTION (Top view)
ORDERING NUMBER: L6000
OPERATING TEMPERATURE: 0
°Cto 70°C
TQFP64
(10 x 10)
1/24


Similar Part No. - L6000

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
L60011 UNITEDAUTOMATION-L60011 Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
L60011 UNITEDAUTOMATION-L60011 Datasheet
475Kb / 3P
High Surge with 17A, 230V Variable AC Regulator
1 July 2025
L60012 UNITEDAUTOMATION-L60012 Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
L60012 UNITEDAUTOMATION-L60012 Datasheet
475Kb / 3P
High Surge with 17A, 230V Variable AC Regulator
1 July 2025
L60015 UNITEDAUTOMATION-L60015 Datasheet
462Kb / 2P
25A - 110 / 230V AC Variable Burst Fired AC Regulator
1 July 2025
More results

Similar Description - L6000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6363 STMICROELECTRONICS-L6363 Datasheet
86Kb / 4P
PRML READ/WRITE CHANNEL
Jun-2001
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
Read/Write Transponder
logo
Hitachi Semiconductor
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
READ / WRITE CIRCUIT
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUT-F190-B40-2V1D-FR1-01 PF-IUT-F190-B40-2V1D-FR1-01 Datasheet
809Kb / 3P
Read/write station
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com