Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DATA SEPARATOR DYNAMIC CHARACTERISTICS AND TIMING (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TAS, TAH
AMD Set Up and Hold Time
(**)
13
ns
TPAMD
AMD Propagation Delay
(**)
±15
ns
TD
1/3 Cell Delay
TD = 1/FSOUT,RR = 39K
Ω (***) 0.8TD
1.2TD
ns
Write Mode
TWD
Write Data Pulse Width
1.5V
2TFout/3
2TFout/3
ns
CL
≤ 15pF
– 5
+ 5
TRWD
Write Data Rise Time
0.8V to 2.0V, CL
≤ 15pF
9
ns
TFWD
Write Data Fall Time
2.0V to 0.8V, CL
≤ 15pF
5
ns
TRWC
Write Data Clock Rise Time
0.8V to 2.0V, CL
≤ 15pF
10
ns
TFWC
Write Data Clock Fall Time
2.0V to 0.8V, CL
≤ 15pF
8
ns
TSNRZ
NRZ Set Up Time
5
ns
THNRZ
NRZ Hold Time
5
ns
TPC
Precompensation Time Shift
Magnitude Accuracy
TPCO = 0.04TREF
TPC(max) = 0.28TREF
TPC = nTPCO
n =0
1
≤ n ≤ 7
– 0.5
n(0.8TPCO)
– 0.5
+ 0.5
n(1.2TPCO)
+0.5
ns
ns
Data Synchronization
TVCO
VCO Center Frequency Period
FLTR2-FLTR2 = 0
TO = (8.95 + 0.786 x DR)
-1,
RR = 39k
Ω (***)
0.9TO
1.1TO
ns
VCO Frequency Dynamic range
–1.5
≤ FLTR-FLTR2 ≤ +1.5 (***)
±25
±45
%
KVCO
VCO Control Gain
ωo=
2
Π
TVCO
0.14Wo
0.26Wo rad/(Vxs)
–1.5
≤ FLTR-FLTR2 ≤ +1.5
KD
Phase Detector Gain
Read: KD = 0.7 + 0.43 x DR,
PLL REF = RD 3T Pattern, Non-
Read: KD = 0.7 + 0.43 x DR,
PLLREF = Fout / 2 (***)
0.83KD
1.17KD
A/rad
KVCO x KD Product Accuracy
– 28
+ 28
%
VCO Phase Restart Error
4
ns
Decode Window Cent. Accuracy
±1.5
ns
Decode Window Width
2TORC/3
- 1.5
–ns
SERIAL PORT TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tc
SERIAL CLOCK+ Data Clock Period
100
ns
Tck1
SERIAL CLOCK+ Low Time
40
ns
TcKh
SERIAL CLOCK+ High Time
40
ns
Tsens
Enable to Clock Delay Time
35
ns
Tsenh
Clock to Disable Delay Time
Delay from SERIAL
CLOCK+ falling edge
100
ns
Tds
Data Setup Time
15
ns
Tdh
Data Hold Time
15
ns
Tdskewl
Clock to Valid Data Delay Time
Delay from SERIAL
CLOCK+ falling edge
–27
ns
Tdskewe
End of Valid Data to Clock
0
ns
Tsendl
Time to Tri-stated SERIAL DATA I/O
Delay from falling edge
of SERIAL ENABLE
–50
ns
Tturnd
SERIAL DATA I/O Turnaround Time
70
ns
Tsl
SERIAL ENABLE Low Time
200
ns
(**) Bench test only. (***) Preliminary data.
L6000
13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com