Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 4 Page - STMicroelectronics

  L6000 Datasheet HTML 1Page - STMicroelectronics L6000 Datasheet HTML 2Page - STMicroelectronics L6000 Datasheet HTML 3Page - STMicroelectronics L6000 Datasheet HTML 4Page - STMicroelectronics L6000 Datasheet HTML 5Page - STMicroelectronics L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PIN DESCRIPTION
Pin #
Symbol
Type
Description
POWER SUPPLY
30
Vcc DATA SEP
-
DATA SEPARATOR: PLL analog 5V supply.
14
Vcc FREQ. SYNTH
-
FREQUENCY SYNTHESIZER: PLL analog 5V supply.
7
Vcc CORE DIG
-
Internal ECL, CMOS logic digital supply.
19
Vcc I/O
TTL BUFFER I/O 5V SUPPLY.
59
Vcc PULSE DET
-
Pulse Detector/Servo Demodulator/Filter analog 5V supply.
34
GND DATA SEP
-
DATA SEPARATOR: PLL analog 5V ground.
12
GND FREQ SYN
-
FREQUENCY SYNTHESIZERl: PLL analog 5Vground.
40
GND CORE DIG
-
Internal ECL, CMOS logic digital ground.
23
GND I/O
-
TTL Buffer I/O digital ground.
5
GND PULSE DET
-
Pulse Detector/Servo Demodulator/Filter analog circuit ground.
INPUT
2, 1
AGC IN,
AGC IN
|
AGC AMPLIFIER INPUTS: Differential AGC amplifier input pins.
53, 54
DATA PATH,
DATA PATH
I
ANALOG INPUTS FOR DATA PATH: Differential analog inputs to data
comparators, full-wave rectifier, and servo demodulator.
51, 52
CLOCK PATH,
CLOCK PATH
I
ANALOG INPUTS FOR CLOCK PATH: Differential analog inputs to the clock
comparator.
6
PWRDN MODE
I
PWRDN MODE CONTROL: TTL compatible power control pin. Assertion shuts
down all circuitry, except the serial port. Deassertion and the appropriate bit set
in PD register shuts down the selected circuitry. Active low.
4
HOLD DATA AGC
I
HOLD DATA AGC CONTROL INPUT: TTL compatible power control pin.
Assertion disables the AGC charge pump and holds the input AGC amplifier
gain. Active low.
38
HOLD SRV AGC
I
HOLD DATA AGC CONTROL INPUT: TTL compatible control pin. Assertion
disables the SERVO charge pump. Active low.
47
SERVO REF V
I
SERVO REFERENCE .VOLTAGE INPUT: This voltage is set to half of the Vcc
PULSE DET voltage
37
LATCH CAP A
I
LATCH CONTROL INPUT: TTL compatible input. Switches channel A into
peak acquisition mode when low. Cap voltage doesn’t change when high.
36
LATCH CAP B
I
LATCH CONTROL INPUT: TTL compatible input. Switches channel B into
peak acquisition mode when low. Cap voltage doesn’t change when high.
35
RESET CAP A/B
I
RESET CONTROL INPUT: TTL compatible input. Enables the discharge of
channel A & B hold capacitors when asserted. Active low.
60, 61
FILTER IN,
FIL TER IN
I
FILTER SIGNAL INPUTS: Self biased differential input signals to active filter.
11
REFERENCE FIN
I
REFERENCE FREQUENCY INPUT: TTL input. Pin REFERENCE FIN has an
internal pull up resistor. In the test mode, when frequency synthesizer is
bypassed, the REFERENCE FIN frequency required is 3 times the data rate.
REFERENCE FIN may be driven by a direct coupled TTL signal.
22
WRT DATA NRZ
IN
I
WRITE DATA NRZ INPUT. TTL input. Connected to the READ NRZ OUTPUT
pin to form a bidirectional data port. Pin WRT DATA NRZ IN has an internal
pull up resistor.
17
READ GATE
I
READ GATE : See clocks and Modes.
26
WRITE CLOCK
I
WRITE CLOCK: TTL input Write mode clock. Must be synchronous with the
Write Data NRZ input. For short cable delays, WRITE CLOCK may be
connected directly to pin READ REF CLOCK. For long cable delays,WRITE
CLOCK should be connected to a READ REF CLOCK return line matched to
the NRZ data bus line delay.
18
WRITE GATE
I
WRITE GATE: TTL input. Enables the write mode. See Clocks and Modes.
39
SERVO GATE
I
SERVO GATE: TTL input. Enables the servo read mode. Active low.
L6000
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com