Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CIRCUIT OPERATION
General
The L6000 is a state of the art integrated read
channel. The major functional blocks are :
1) Pulse Detector and Servo Demodulator, with
dual servo burst measurement channels and
2 different qualification schemes for data.
2) Tunable Active equiripple filter with tunable
Pulse slimming Boost and Active Differentia-
tor.
3) (1, 7) RLL Combined Data Separator and
ENDEC with active window
centering and
margin shifting from external commands.
4) A (M+1) divide by (N+1) Frequency synthe-
sizer, using an external reference, and with 7
bits of DAC control accuracy.
5) A high speed serial interface controlling most
functions and adjustement.
The L6000 is designed to be used with data rates
as high as 32 Mbits/sec. Selection of a different
recording density is done by setting new divisors
in the Frequency Synthesizer via serial registers.
Power Management
The serial interface should load all appropriate
control registers as soon as Power on Reset
clears in the system. This prevents spurious con-
ditions in all the affected blocks. After the regis-
ters are written, then the appropriate Power down
modes can be used. The power management of
the L6000 is under the control of the PWRDN
MODE pin and the Power Down Control Register
(R02). The following table defines the power
down modes and register bits controlling them:
Bit
Symbol
Function
0
1
2
3
4
5-7
PD
SD
FLTR
DS
FS
Pulse Detector Power Down
Servo Demodulator Power Down
Filter Power down
Data Separator Power Down
Frequency Synthesizer Power Down
Bits 5-7 are Hard-Coded to 111.
When the PWRDN MODE pin is asserted it pow-
ers down ALL functions with the exception of the
serial port, which remains active in ALL power
down modes. When the PWRDN MODE pin is
deasserted, each individual major function block
can be powered on or OFF separately from the
serial port PD register. This feature is useful for
sophisticated power saving state machines in
systems. Toggling the bit in the register is the
only necessary condition to turn on or OFF a ma-
jor block; PWRDN MODE does not have to be cy-
cled for each separate register load.
Serial Interface
The serial interface consists of the 3 signals SE-
RIAL ENABLE, SERIAL CLOCK and SERIAL
DATA I/O. The first two signals are inputs which
are always powered on and active. SERIAL
DATA I/O is a bidirectional pin which becomes an
ouput on a register read. A value can be put into
the L6000 (register WRITE) or a value can be in-
terrogated from the L6000 (register READ). The
bottom half of the diagram is a register READ
where a value is interrogated from the L6000. To
do either operation, SERIAL DATA ENABLE is
MODE CONTROL(continued)
PWRDN Mode
Register bits
DESCRIPTION
X
X
X
1
1
1
0
1
1
TEST FILTER MODE : All major blocks except the Active
Filter with Boost and Differentiator are powered down via
Register ( R02 ).
0
1
1
1
1
1
1
0
0
TEST DATA SEPARATOR READ MODE : Only the Data
Separator and Frequency Synthesizer are on, and the pin
READ DATA I/O is a test input.
1
0
1
1
1
1
1
0
0
TEST DATA SEPARATOR WRITE MODE : Only the Data
Separator Write circuitry and the Frequency Synthesizer are
on, for testing this specific circuitry.
X
X
X
1
1
1
1
0
0
TEST FREQUENCY SYNTHESIZER MODE: The front end is
powered down. The Frequency Synthesizer is powered on for
testing.
L6000
15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com