Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics L6000 Datasheet HTML 19Page - STMicroelectronics L6000 Datasheet HTML 20Page - STMicroelectronics L6000 Datasheet HTML 21Page - STMicroelectronics L6000 Datasheet HTML 22Page - STMicroelectronics L6000 Datasheet HTML 23Page - STMicroelectronics L6000 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
for the generation of the Address Mark and
19 cycles 3T patterns of preamble (the pre-
amble’s minimum lenght).
2.WRITE CLOCK should be present and READ
REF CLOCK can be used if the propagation
delay relative to WRT DATA NRZ IN is short.
3.First TWO Address Marks of 7 0s, 1, 7 0s, 1,
11 0s, 1, 11, 0s are output from the WRITE
DATA pin.
4.Next 19 3T patterns (0 1 0 ) are written.
5.At this point, WRT DATA NRZ IN should be
active and inputting the disk data to be writ-
ten. For a longer Preamble, hold WRT DATA
NRZ IN low and more 3T patterns will be gen-
erated.
6.WRITE GATE must be held asserted until all
data is output from the (1, 7) Encoder. There
is a maximum of 15 bits delay, so WRITE
GATE should not deassert until after data has
been flushed from the Encoder.
Hard Sector - Write
The Hard Sector write operation is identical to the
Soft sector, except that at the start, no Address
Mark is generated. WRT DATA NRZ IN should be
held low (rather than have 80 or FF at the start).
The appropriate tables for write precompensation
are:
WRITE PRECOMPENSATION ALGORITHM
RLL Bit Pattern:
Compensation
N-2
1
0
1
0
N-1
0
0
0
0
N
1
1
1
1
N+1
0
0
0
0
N+2
1
0
0
1
BIT N
NONE
NONE
EARLY
LATE
LATE: Bit N is time shifted (delayed) from its normal
time position towards the Bit N+1 time position
EARLY: Bit N is time shifted (Advanced) from its nor-
mal time position towards the Bit N-1 time position
Write Precompensation Control
Write precompensation magnitude is set using
the Write Precompensation register. The write
precompensation register bits are defined as fol-
lows:
Bit
Symbol
Description
0
1
2
3
4-7
WO
W1
W2
WPE
Unused
Write Precomp LSB
Write Precomp
Write Precomp MSB
Write Precomp Enable
W2, W1, W0 - Write precomp magnitude control
bits:
000 > 7x (maximum) shift
001 > 6x shift
010 > 5x shift
011 > 4x shift
100 > 3x shift
101 > 2x shift
110 > 1x shift
111 > No shift
Test Mode
This part has a secondary Write mode. When the
Direct Write bit is set in the Control B register, the
waveform present on the WRT DATA NRZ IN pin
is passed directly through the L6000 to the
preamp WDI pin. This allows for operations like
servowriting to be done with the drive PCB at-
tached to the mechanics. Care should be taken
with the bit in normal system operation.
L6000
22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com