Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
PROGRAMMABLE FILTER CHARACTERISTICS(continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
EOUT
Output Noise Voltage
Differentiated Output
BW = 100MHz, Rs = 50
Ω
FC = 18MHz, DACS = 0
–
2
7
mVrms
Output Noise Voltage Normal
Output
–
1.2
5
mVrms
Output Noise Voltage
Differentiated Output
BW = 100MHz, Rs = 50
Ω
FC = 18MHz, DACS = 127
–
4.6
7
mVrms
Output Noise Voltage Normal
Output
–
2
5
mVrms
IO-
Filter Output Sink Current
0.5
–
–
mA
IO+
Filter Output Source Current
2.0
–
–
mA
RO
Filter Output resistance Single
Ended
–
–
200
Ω
Note: FBDAC is value of boost DAC (i.e., no boost)
Filter Control Characteristics (RX = 12K
Ω)
VRX
Reference Current Set Output
Voltage
Tamb =27
°C
(**)
–
1.5
–
V
FREQUENCY SYNTHESIZER CHARACTERISTICS (RR = 39K
Ω)
FIN
Input Frequency
8
20
MHz
FOUT
Output Frequency
–
96
MHz
JFO
FOUT jitter
TO = 1/FO; Fout = 30MHz
–
±400
ps(pk)
M Divide Number
80
255
–
N Divide Number
25
127
–
TVCO
VCO Center Frequency Period
TO = (9.65 + 0.843 x DR)
-1
FLTR1-FLTR1 = 0 (***)
0.9TO
1.1TO
ns
VCO Frequency Dynamic
Range
–1.5
≤ FLTR1-FLTR1 ≤ +1.5,
Fout = 54.0MHz (***)
25
±45
%
KVCO
VCO Control Gain
ω =2π/TVCO
–1.5
≤ FLTR1-FLTR1 ≤ +1.5
0.14
ωo
0.26
ωo rad/(V-s)
KD
Phase Detector Gain
KD = 0.7 + 0.43 x DR (***)
0.83KD
1.17KD
µA/rad
KVCO x KD Product Accuracy
– 28
+ 28
%
Reference Clock Characteristics:
Reference Clock Low Time
20
–
ns
Reference Clock High Time
20
–
ns
DATA SEPARATOR DYNAMIC CHARACTERISTICS AND TIMING (Unless otherwise specified, rec-
ommended operating conditions apply.)
Real Mode
TRRC
Read Clock Rise Time
0.8V to 2.0V, CL
≤ 15pF
–
8
ns
TFRC
Read Clock Fall time
2.0V to 0.8V, CL
≤ 15pF
–
5
ns
RRC Duty Cycle
DR = 32Mbit/s
43
57
%
TNS, TNH
NRZ(out) Set Up and Hold Time
DR
≤ 20Mbit/s (**)
15.5
–
ns
DR > 20Mbit/s (**)
13
–
ns
TPNRZ
NRZ (out) Propagation Delay
(**)
–
±15
ns
(**) Bench test only.
(***) Preliminary data.
L6000
12/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com