Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics L6000 Datasheet HTML 14Page - STMicroelectronics L6000 Datasheet HTML 15Page - STMicroelectronics L6000 Datasheet HTML 16Page - STMicroelectronics L6000 Datasheet HTML 17Page - STMicroelectronics L6000 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MODE CONTROL
PWRDN Mode
Register bits
DESCRIPTION
X
X
X
O
X
X
X
X
X
FULL POWER DOWN MODE : Only the serial interface
remains operational. Switching from this mode to either
Servo, Read or Idle modes initiates certain Read Channel
states. Switching direct to Write modes is an illegal sequence.
See Circuit Opertion.
0
1
1
1
0
0
0
0
0
READ MODE : The entire FRONT END is turned on, the
READ DATA I/O pin is inactive, and the AGC amplifier is
active, with unshorted inputs ( low-impedance mode off ) and
in tracking mode. The HOLD DATA AGC input is enabled.
The Data Separator section initiates its Address Mark search
on the assertion of READ GATE. It then starts its phase lock
up sequence aft er Address Mark detection occurs. After
3
⋅ 3T following the Address Mark Detection the DS PLL
is switched from Fout/2 to DRD and the look-in sequence is
initiated. After 19
⋅ 3T RRC switche from Fout/3 to DATA
SYNCHRONIZER Vco/3 and NRZOUT is enabled. After.
Read mode is maintained until the deassertion of READ
GATE.
1
0
1
1
0
0
0
0
0
WRITE MODE : The FRONT END is inactive. The assertion
of WRITE GATE causes the pin WRT DATA NRZ IN to
become an active input, and the pins READ NRZ OUTPUT
and ADDR MARK DET are floated. The inputs of both the
Active filter and AGC amplifier are shorted ( i.e. the low-
impedance state entered ). The PLL is locked to the
Frequency Synthesizer divided by 30. n WRITE GATE
assertion, two address marks ( each 7 0’s, 1, 7 0’s, 1, 11 0’s,
1, 11 0’s ) are generated and than the preamble of three 3T
groups. WRT DATA NRZ IN must be zero until these patterns
have been output from WRITE DATA. Write Mode is ended
when Write Gate is deasserted. This starts the AGC Amplifier
fast attack/decay currents acquisition, as well as unshorting
the filter and AGC Amplifier inputs.
0
0
1
1
0
0
0
0
0
IDLE MODE : Allthe front end circuitry is active and operating.
The Data Separator VCO is phase locked to Fout. The READ
REF CLOCK outputs is the Frequency Synthesizer divided by
3. The pin READ NRZ OUTPUT is floated, ADDR MARK DET
is high, READ DATA I/O is an active output of the pulses
detected and HOLD DATA AGC is enabled. The inputs to the
AGC Amplifier and filter are unshorted.
0
X
0
1
0
0
0
0
0
SERVO MODE 1 : The Pulse Detector and Servo
Demodulator circuitry is operating, and the HOLD DATA AGC
input is disabled. The Data Separator is on and it is phase
locked to the Frequency Sinthesizer which is also on. The pin
READ DATA I/O is an active output.
0
X
0
1
0
0
0
1
1
SERVO MODE 2 : This mode has both the Frequency
Synthesizer and Data Separator major blocks powered down,
otherwise it is the same as SERVO MODE 1 . This mode is
intended to reduce power dissipation when the systhem is
just track following. Since only the Pulse Detector and Active
Filter are powered on, this is also known as FRONT END
TEST MODE.
L6000
14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com