Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 4Page - STMicroelectronics L6000 Datasheet HTML 5Page - STMicroelectronics L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ELECTRICAL CHARACTERISTICS: VCCn = 5V + 10% - 14%, Tamb = 0 to 70
°C, Tj = 25 to 125°C, un-
less otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SUPPLY CURRENT AND POWER DISSIPATION
Icc
Power Supply Current
Outputs and test point pins open;
Tamb = 27
°C, 32Mbits/sec
–
100
120
mA
Pd
Power Dissipation
–
500
660
mW
DIGITAL INPUTS AND OUTPUTS
VIL
Low Level Input Voltage
– 0.3
0.8
V
VIH
High Level Input Voltage
2.0
VCC
I/O+0.3
V
IIL
Low Level Input Current
VIL = 0.4V
–
– 0.4
mA
IIH
Low Level Input Current
VIH = 2.4V
–
100
µA
VOL
Low Level Output Voltage
IOL = 4.0mA
–
0.5
V
VOH
High Level Output Voltage
IOH = –400
µA
2.4
–
V
CMOS INPUTS: SERIAL ENABLE, SERIAL DATA AND SERIAL CLOCK
VIL
Low level Input Voltage
5V and 25
°C
–
0.5
V
VIH
High Level Input Voltage
4.5
–
V
tr
Rise Time
4.3V, 70
°C and C = 5pF
–
5.0
ns
tf
Fall Time
–
4.5
ns
CMOS OUTPUTS: SERIAL DATA I/O
VOL
Low Level Output Voltage
5V and 25
°C; IOL = 4.07mA
–
0.5
V
VOH
High Level Output Voltage
5V and 25
°C; IOH = +4.83mA
4.5
–
V
tr
Rise Time
4.3V, 70
°C and C = 15pF
–
5.5
ns
tf
Fall Time
–
5.0
ns
TEST POINT OUTPUT LEVELS
VIL
Test Point High Level Output
(MTP1, MTP2, FOUT)
261
Ω to Vcc DATA SEP
402
Ω to GND DATA SEP, Vcc
DATA SEP = 5V
Vcc
DATA
SEP-
1.02
–V
VIH
Test Point Low Level Output
(MTP1, MTP2, FOUT)
261
Ω to Vcc DATA SEP
402
Ω to GND DATA SEP, Vcc
DATA SEP = 5V
–
Vcc
DATA
SEP-
1.62
V
PULSE DETECTOR AND SERVO DEMODULATOR CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AGC Amplifier Section
The input signals are AC coupled to AGC IN and AGC IN. AGC OUT and AGC OUT are AC coupled to FILTER IN
and FILTER IN. FILT NORM OUT and FILT NORM OUT are AC coupled to DATA PATH and DATA PATH.
Integrating capacitor Ca = 1000pF is connected between DATA BYP and Vcc PULSE DET. Unless otherwise specified,
the output is measured differentially at AGC OUT and AGC OUT, Fin = 4MHz, and the filter boost at FB = 0dB.
Input range
Filter Boost at FC = 0dB
(bench test condition = 2.2 to
18MHz)
22
–
240
mVpp
Input range
Filter Boost at FB = 9dB
Fin = FC = 18MHz
(bench test condition = 6 to
18MHz)
14
–
100
mVpp
DATA PATH/
DATA PATH
Voltage
AGC IN-AGC IN = 0.1Vpp
0.945
1.05
1.155
Vpp
Voltage Variation
22mV < AGC IN = AGC IN <
240mV
–8.0
–
+8.0
%
Gain Range
1.9
–
22
V/V
L6000
8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com