Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 2Page - STMicroelectronics L6000 Datasheet HTML 3Page - STMicroelectronics L6000 Datasheet HTML 4Page - STMicroelectronics L6000 Datasheet HTML 5Page - STMicroelectronics L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PIN DESCRIPTION (continued)
Pin #
Symbol
Type
Description
ANALOG
50
LEVEL REF V
O
REFERENCE VOLTAGE: Reference voltage output for LEVEL. LEVEL REF V
is derived by referencing VRG (an internal signal) to Vcc PULSE DET.
62
EF IREF
I
REFERENCE RESISTOR INPUT: An external 1% resistor (RX) is connected
from this pin to ground to establish a precise reference current for the filter.
3
DATA BYP
AGC INTEGRATING CAPACITOR: Connected between DATA BYP and Vcc
PULSE DET. This pin is used when data read mode.
48
SERVO BYP
AGC INTEGRATING CAPACITOR FOR SERVO: Connected between SERVO
BYP and Vcc PULSE DET. This pin is used when in servo read mode
45
HOLD CAP A
PEAK HOLDING CAPACITOR A: Tied from this pin to GND PULSE DET.
44
HOLD CAP B
PEAK HOLDING CAPACITOR B: Tied from this pin to GND PULSE DET.
49
LEVEL
O
HYSTERESIS LEVEL: An NPN emitter output that provides a full-wave
rectified signal from LEVEL to LEVEL REF V to set the hysteresis threshold
time constant in conjunction with SERVO TC RES and DATA TC RES. This
level used in VTHRESHOLD DAC.
33
DS IREF
I
REFERENCE RESISTOR INPUT: An external 1% resistor (RR) is connected
to this pin to establish a precise internal reference current for the data
separator and Frequency Synthesizer.
42
SERVO TC RES
I
SERVO TIME CONSTANT RESISTOR INPUT: An external resistor is
connected from this pin to LEVEL to establish the hysteresis threshold time
constant when not in Servo mode.
15, 16
FREQ SYN FLT,
FREQ SYN FLT
PLL FILTER: The two connection points for the frequency synthesizer PLL
differential filter components.
32, 31
DATA SEP FLT,
DATA SEP FLT
PLL FILTER: THE Two connection points for the data separatorPLL differential
filter components.
41
DAC TP OUT
O
DAC OUTPUT: A test point for some of the on-chip DACs. The output of an
internal DAC is selected by the values of TDAC1 (MSB) and TDACO (LSB) in
the WS register. The selected DAc output and its corresponding select bits are
as follows: FC_DAC (00), VTH_DAC (0 1), WS_DAC (1 0), and WP_DAC (1
1). When not using the DAC TP OUT pin, the preferred setting is to select the
FC_DAC.
SERIAL PORT
10
SERIAL ENABLE
I
SERIAL DATA ENABLE: Active high input pin to enable the serial port CMOS
input levels.
8
SERIAL DATA I/O
I/O
SERIAL DATA: Input/Output pin for serial data; 8 instruction/address bits are
sent first followed by 8 data bits. CMOS Input/Output levels.
9
SERIAL CLOCK+
I
SERIAL DATA CLOCK: Positive edge triggered clock input for the serial data
CMOS input levels. The pin has an internal pull-up resistor.
L6000
6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com