Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6000
Description  SINGLE CHIP READ & WRITE CHANNEL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6000 Datasheet HTML 5Page - STMicroelectronics L6000 Datasheet HTML 6Page - STMicroelectronics L6000 Datasheet HTML 7Page - STMicroelectronics L6000 Datasheet HTML 8Page - STMicroelectronics L6000 Datasheet HTML 9Page - STMicroelectronics L6000 Datasheet HTML 10Page - STMicroelectronics L6000 Datasheet HTML 11Page - STMicroelectronics L6000 Datasheet HTML 12Page - STMicroelectronics L6000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PULSE DETECTOR AND SERVO DEMODULATOR CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Gain Sensititivity with respect to
DATA BYP or SERVO BYPS
pin voltage changes
27
28
dB/V
AGC OUT/
AGC OUT
THD
AGCOUT - AGCOUT = 0.75Vpp
40
dB
Differential Input Impedance
WG = low
4.7
6
8.4
K
Single Ended Input Impedance
WG = low
WG = High or when IN Low - Z
mode
2.5
3.5
0.65
4.5
0.8
K
K
VOO
Output Offset Voltage
Filter not connected
– 200
+200
mV
en
Input Noise Voltage
AGC OUT, Rs = 0
Ω, gain = 22
10
15
nV/
√
Hz
BW
Bandwidth
gain = 22 (1)
50
MHz
AGC OUT/
AGC OUT
Single ended output resistance
IO = 0
140
180
PSRR
Power Supply Rejection Ratio
gain = 22, Fin = 5MHz
45
dB
CMRR
Common Mode Rejection Ratio
40
dB
Gain Decay Time
AGC IN-AGC IN = 240mVpp to
120mVpp,
AGC OUT-AGC OUT = 0.9
Final Value
––
53
µs
Gain Attack Time
AGC IN-AGC IN = 120mVpp to
240mVpp,
AGC OUT-AGC OUT = 1.1
Final Value
––2
µs
AGC Control Section
The input signal are AC coupled to DATA PATH and DATA PATH, C = 1000pF.
DATA PATH/
DATA PATH
Signal Input range
(bench test only)
1
1.5
Vpp
Id
Discharge Current
2.8
4
5.2
µA
Idf
Fast Discharge
During Fast Decay mode
Current
20xld
–30%
20xld
20xld
+30%
µA
Ich
Charge Pump Attack Current
DATA PATH-DATA PATH =
1.15Vpp
0.126
0.18
0.234
µA
Ichf
Charge Pump Fast Attack
Current
DATA PATH-DATA PATH =
1.45V
7xlch
–30%
7xlch
7xlch
+30%
µA
DATA BYP Pin Leakage Current
WG = high
-0.1
+0.1
µA
LEVEL REF V Reference Voltage
Vcc
PULSE
DET-
2.47
Vcc
PULSE
DET-
2.0
V
LEVEL REF V Output Drive
-0.75
0.75
mA
Duration of shorted input and
Fast Decay modes
(*)
–1–
µs
Level Output Gain
DATA PATH-DATA PATH = 0.5
to 1Vpp
0.60
0.67
0.75
V/Vpp
Level Output Bandwidth
fIN = 11MHz
2
dB (2)
Level Offset Voltage
Output - LEVEL REF V
(IL =40
µA)
–40
+40
mV (2)
(*) Guaranted by design.
(1) For correlation automatic test is performed at –3.8dB.
(2) Test limits under evaluation.
L6000
9/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com