Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 28Page - Analog Devices LTC6602 Datasheet HTML 29Page - Analog Devices LTC6602 Datasheet HTML 30Page - Analog Devices LTC6602 Datasheet HTML 31Page - Analog Devices LTC6602 Datasheet HTML 32Page - Analog Devices LTC6602 Datasheet HTML 33Page - Analog Devices LTC6602 Datasheet HTML 34Page - Analog Devices LTC6602 Datasheet HTML 35Page - Analog Devices LTC6602 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC6601-2
32
66012f
APPLICATIONS INFORMATION
Figure 13. Modified Filter Topology and Equations
–
+
+
–
VOUT(DIFF)
66012 F13
VIN(DIFF)
C1
C2
R3
R2
R3
R1
R1
R2
C3A
C3B
49.9Ω
R4A
REXT
R4B
C1
C2
R4 = R4A + R4B + REXT
C3 = C3A /2 (C3A = C3B)
f3dB =
fO •
6089 •
3568 • Q4 1788 • Q2 + 447
()+1.287•105 •2•Q2 1
()
507.6 • Q
Q =
0.2236 • fO •
2.109 • 105 •
9.891• 1012 •f3dB
4
5.486 • 109 •fO
4
()+120• 5.526•109 •f
3dB
2 + 3.082 • 106 •fO2
()
16 • fO
2 • 8.29 • 109 •f3dB2 + 4.127 •109 •fO2
() 6.638•1010 •f
3dB
4
()
R4 =
1.25 • 104 •C1• Q • R2
559 • C1• R2 •
C2 + 2• C3
C1
50 • Q • C1• 125 • GAIN + R2 + 125
() C2•R2
()
VOUT(DIFF)
VIN(DIFF)
= –
GAIN
R2 • R3 • C1• C2 + 2• C3
()
S2 +
R1• R2• 2• R3 + R4
()+R3•R4
()+R2•R3•R4
R1•R2 • R3 •R4 • C2 + 2• C3
()
•S +
1
R2 • R3 • C1• C2 + 2• C3
()
GAIN = –
VOUT(DIFF)
VIN(DIFF)
= – R2
R1
fO =
1
2• •R2 • R3 • C1• C2 + 2• C3
()
Q =
R3
R2
•
C2
C1
+ 2• C3
C1
1+ 1+|GAIN|+ 2•
R2
R4
•
R3
R2
–
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com