Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 25Page - Analog Devices LTC6602 Datasheet HTML 26Page - Analog Devices LTC6602 Datasheet HTML 27Page - Analog Devices LTC6602 Datasheet HTML 28Page - Analog Devices LTC6602 Datasheet HTML 29Page - Analog Devices LTC6602 Datasheet HTML 30Page - Analog Devices LTC6602 Datasheet HTML 31Page - Analog Devices LTC6602 Datasheet HTML 32Page - Analog Devices LTC6602 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LTC6601-2
29
66012f
APPLICATIONS INFORMATION
Example Filter Configurations of Basic 2nd Order
Filters
Figure 11 shows some simplified component hookups of
a selection of filters taken from Tables 7, 9 and 10. For
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
GAIN = 0dB
fO = 13.92MHz
Q = 0.769
GAIN = 0dB
fO = 22.71MHz
Q = 0.804
VOUT(DIFF)
VIN
15
–
+
11
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
VOUT(DIFF)
VIN
15
–
+
11
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
GAIN = 6dB
fO = 9.85MHz
Q = 0.819
GAIN = 6dB
fO = 16.06MHz
Q = 0.868
VOUT(DIFF)
VIN
15
–
+
11
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
VOUT(DIFF)
VIN
15
–
+
11
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
GAIN = 2.5dB
fO = 12.06MHz
Q = 0.801
GAIN = 2.5dB
fO = 19.67MHz
Q = 0.841
VOUT(DIFF)
VIN
15
–
+
11
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
VOUT(DIFF)
66012 F11
VIN
15
–
+
11
simplicity, VOCM pin bypass and power supply bypass
are not shown.
Figure 11. Basic 2nd Order Filter Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com