Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 40 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 32Page - Analog Devices LTC6602 Datasheet HTML 33Page - Analog Devices LTC6602 Datasheet HTML 34Page - Analog Devices LTC6602 Datasheet HTML 35Page - Analog Devices LTC6602 Datasheet HTML 36Page - Analog Devices LTC6602 Datasheet HTML 37Page - Analog Devices LTC6602 Datasheet HTML 38Page - Analog Devices LTC6602 Datasheet HTML 39Page - Analog Devices LTC6602 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC6601-2
40
66012f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0309 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT®1568
Very Low Noise, High Frequency, Active RC,
Filter Building Block
Up to 10MHz Filters, SNR = 92dB, THD = –84dBc at 2MHz
LT1993-2/LT1993-4/
LT1993-10
800MHz/900MHz/700MHz Low Distortion, Low Noise
Differential Amplifier/ADC Driver
AV = 2V/V / AV = 4V/V / AV = 10V/V, NF = 12.3dB/14.5dB/12.7dB,
OIP3 = 38dBm/40dBm/40dBm at 70MHz
LT1994
Low Noise, Low Distortion Fully differential Input/Output
Amplifier/Driver
Low Distortion, 2VP-P, 1MHz: –94dBc, 13mA, Low Noise: 3nV/√Hz
LT6402-6/LT6402-12/
LT6402-20
300MHz Low Distortion, Low Noise Differential Amplifier/
ADC Driver
AV = 6dB/AV = 12dB/AV = 20dB, NF = 18.6dB/15dB/12.4dB,
OIP3 = 49dBm/43dBm/51dBm at 20MHz
LTC6404-1
Fully Differential Amplifier, GBW = 500MHz
Very Low Distortion, (2VP-P, 10MHz): –91dBc
LTC6404-2
Fully Differential Amplifier, GBW = 900MHz
Very Low Distortion, (2VP-P, 10MHz): –96dBc
LTC6404-4
Fully Differential Amplifier, GBW = 1700MHz
Very Low Distortion, (2VP-P, 10MHz): –101dBc
LT6600-2.5/LT6600-5/
LT6600-10/LT6600-20
Very Low Noise, Fully Differential Amplifier and Filter
2.5MHz/5MHz/10MHz/20MHz Integrated Filter, 3V Supply,
SO-8 Package
LTC6601-1
Low Noise, Pin-Configurable Filter
5MHz to 27MHz Bandwidth, Second Order Differential Filter
LTC6602
Dual, Matched Bandpass Filter
Programmable Gain and Bandwidth for RFID Applications
(40kHz to 1MHz)
LTC6603
Dual, Matched Lowpass Filter
Programmable Gain and Bandwidth (25kHz to 2.5MHz)
LT6604-X
Dual, Matched Lowpass Filter
2.5MHz, 5MHz, 10MHz and 15MHz
LTC6605-X
Dual, Matched Lowpass Filter
7MHz, 10MHz and 14MHz
TYPICAL APPLICATION
5th Order, 20MHz, Lowpass Filter
Gain Magnitude vs Frequency
RELATED PARTS
Passband Gain vs Frequency
FREQUENCY (Hz)
66012 TA02c
1.0
0.5
–0.5
0
–1.0
–1.5
–2.0
–2.5
–3.0
100k
10M
1M
FREQUENCY (Hz)
66012 TA02b
10
0
–20
–10
–30
–40
–50
–60
–70
100k
100M
10M
1M
VIN(DIFF)
ZIN(DIFF) = 266Ω
33.2Ω
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
VOUT(DIFF)
15
–
+
11
33.2Ω
66012 TA02a
270pF
82pF
220nH*
220nH*
*COILCRAFT
0603CS
82pF
82pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com