Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 4Page - Analog Devices LTC6602 Datasheet HTML 5Page - Analog Devices LTC6602 Datasheet HTML 6Page - Analog Devices LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC6601-2
8
66012f
TYPICAL PERFORMANCE CHARACTERISTICS
Low Power Common Mode VOS
vs Temperature
Internal Amplifier Input Bias
Current vs Temperature
BIAS Pin Input Resistance
vs Temperature
BIAS Pin Float Voltage
vs Temperature
Filter Input Resistance
vs Temperature
Low Frequency Gain
vs Temperature
High Performance Common Mode
VOS vs Temperature
High Performance Mode
Frequency Response of 12
Possible Filter Configurations
Low Power Mode Frequency
Response of 12 Possible Filter
Configurations
TEMPERATURE (°C)
–50
–5
10
5
0
–10
25
–25
66012 G10
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
5 REPRESENTATIVE UNITS
TEMPERATURE (°C)
–50
–5
15
5
10
0
–15
–10
25
–25
66012 G11
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
5 REPRESENTATIVE UNITS
TEMPERATURE (°C)
–50
–20
–5
–10
–15
–30
–25
25
–25
66012 G12
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
LOW POWER MODE
(BIAS PIN FLOATING)
HIGH PERFORMANCE MODE
(BIAS PIN TIED TO V+)
TEMPERATURE (°C)
–50
200
175
150
100
125
25
–25
66012 G13
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
TEMPERATURE (°C)
–50
1.20
1.15
1.10
1.00
1.05
25
–25
66012 G14
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
TEMPERATURE (°C)
–50
1.0050
1.0025
1.0000
0.9950
0.9975
25
–25
66012 G15
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
RNOMINAL = 200Ω DIFFERENTIAL
RNOMINAL = 133.3Ω SINGLE-ENDED
SEE FIGURE 1 FOR CONFIGURATION
SINGLE-ENDED
DIFFERENTIAL
TEMPERATURE (°C)
–50
1.010
1.005
1.000
0.990
0.995
25
–25
66012 G16
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
5 REPRESENTATIVE UNITS
FREQUENCY (MHz)
66012 G17
10
0
–10
–20
–30
0.1
10
100
1
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
FREQUENCY (MHz)
66012 G18
10
0
–10
–20
–30
0.1
10
100
1
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com