Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices LTC6602 Datasheet HTML 23Page - Analog Devices LTC6602 Datasheet HTML 24Page - Analog Devices LTC6602 Datasheet HTML 25Page - Analog Devices LTC6602 Datasheet HTML 26Page - Analog Devices LTC6602 Datasheet HTML 27Page - Analog Devices LTC6602 Datasheet HTML 28Page - Analog Devices LTC6602 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
LTC6601-2
25
66012f
Table 9. Gain of 1.333 Filter Configurations
GAIN
fO (MHz)
f–3dB MHz
Q
R1 (Ω)R2 (Ω)
C1 (pF)
C2 (pF)
ein
nV/√Hz
V/V
dB
1.333
2.499
19.67
22.73
0.841
100.00
133.33
48.2
81.5
9.4
1.333
2.499
17.82
15.77
0.633
100.00
133.33
58.75
81.5
9.4
1.333
2.499
17.97
24.34
1.185
100.00
133.33
48.2
97.6
9.4
1.333
2.499
16.28
18.44
0.818
100.00
133.33
58.75
97.6
9.4
1.333
2.499
14.99
13.58
0.646
100.00
133.33
69.3
97.6
9.4
1.333
2.499
15.01
19.82
1.097
100.00
133.33
58.75
114.8
9.4
1.333
2.499
14.06
20.12
1.506
100.00
133.33
58.75
130.9
9.4
1.333
2.499
13.82
15.61
0.814
100.00
133.33
69.3
114.8
9.4
1.333
2.499
12.88
12.03
0.663
100.00
133.33
79.85
114.8
9.4
1.333
2.499
12.94
16.64
1.025
100.00
133.33
69.3
130.9
9.4
1.333
2.499
12.06
13.45
0.801
100.00
133.33
79.85
130.9
9.4
Table 10. Gain of 1 Filter Configurations
GAIN
fO (MHz)
f–3dB MHz
Q
R1 (Ω)R2 (Ω)
C1 (pF)
C2 (pF)
ein
nV/√Hz
V/V
dB
1.0
0.0
22.71
25.40
0.804
100.0
100.0
48.2
81.5
10.7
1.0
0.0
20.75
27.23
1.079
100.0
100.0
48.2
97.6
10.7
1.0
0.0
20.57
17.86
0.623
100.0
100.0
58.75
81.5
10.7
1.0
0.0
19.14
27.50
1.543
100.0
100.0
48.2
114.8
10.7
1.0
0.0
18.80
20.62
0.784
100.0
100.0
58.75
97.6
10.7
1.0
0.0
17.31
15.35
0.634
100.0
100.0
69.3
97.6
10.7
1.0
0.0
17.33
22.15
1.011
100.0
100.0
58.75
114.8
10.7
1.0
0.0
16.23
22.58
1.312
100.0
100.0
58.75
130.9
10.7
1.0
0.0
15.96
17.45
0.781
100.0
100.0
69.3
114.8
10.7
1.0
0.0
14.55
19.09
1.079
200.0
200.0
58.75
81.5
11
1.0
0.0
14.87
13.57
0.650
100.0
100.0
79.85
114.8
10.7
1.0
0.0
14.95
18.59
0.954
100.0
100.0
69.3
130.9
10.7
1.0
0.0
13.39
14.90
0.798
200.0
200.0
69.3
81.5
11
1.0
0.0
13.92
15.04
0.769
100.0
100.0
79.85
130.9
10.7
1.0
0.0
12.48
11.38
0.650
200.0
200.0
79.85
81.5
11
1.0
0.0
12.24
16.25
1.115
200.0
200.0
69.3
97.6
11
1.0
0.0
11.40
13.27
0.850
200.0
200.0
79.85
97.6
11
1.0
0.0
11.29
16.47
1.715
200.0
200.0
69.3
114.8
11
1.0
0.0
10.51
14.17
1.167
200.0
200.0
79.85
114.8
11
1.0
0.0
9.47
13.26
1.350
400.0
400.0
69.3
81.5
11.8
1.0
0.0
8.82
10.86
0.935
400.0
400.0
79.85
81.5
11.8
1.0
0.0
8.06
11.57
1.535
400.0
400.0
79.85
97.6
11.8
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com