Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 16Page - Analog Devices LTC6602 Datasheet HTML 17Page - Analog Devices LTC6602 Datasheet HTML 18Page - Analog Devices LTC6602 Datasheet HTML 19Page - Analog Devices LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices LTC6602 Datasheet HTML 23Page - Analog Devices LTC6602 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LTC6601-2
20
66012f
APPLICATIONS INFORMATION
Table 1 lists the amplifier input referred noise for the
LTC6601-2. Tables 2 to10 list the noise referred to the input
pins of the IC for common configurations of the LTC6601-2.
To determine the spot noise at the output, simply multiply
the noise by the Gain = R2/R1. To estimate the integrated
noise at the output, multiply the noise by the gain, and the
square root of the noise bandwidth. The noise bandwidth
depends on the filter configuration. For Figure 2, the noise
bandwidth is 100MHz, or approximately 7 times the filter
bandwidth. Improvements in SNR can be made by adding
an additional RC filter at the output to band limit wide band
noise before feeding ADCs. See the section “Interfacing
the LTC6601 to ADC Converters” for more detail.
Table 1. Amplifier (Input Referred) Noise Characteristics for the
LTC6601-2
BIAS PIN PULLED TO V+
BIAS PIN FLOATING
eni
nV/√Hz
in
pA/√Hz
eni
nV/√Hz
in
pA/√Hz
4.7
3
5.2
2.1
LAYOUT CONSIDERATIONS
Because the LTC6601 is a very high speed amplifier, it is
sensitive to both stray capacitance and stray inductance.
It is critical that close attention be paid to supply bypass-
ing. For single supply applications, it is recommended
that a high quality 0.1μF surface mount ceramic bypass
capacitor be placed between Pins 14 and 13 with direct
short connections. Pin 13 and the Exposed Pad, Pin 21,
should be tied directly to a low impedance ground plane
with minimal routing. For dual (split) power supplies, it
is recommended that an additional high quality, 0.1μF
ceramic capacitor be used to bypass pin V+ to ground
and V– to ground, again with minimal routing. For driv-
ing large differential loads (<200Ω), additional bypass
capacitance may be needed between V+ and V– for opti-
mal performance. Note that small geometry (e.g., 0603)
surface mount ceramic capacitors have a much higher
self resonant frequency than capacitors with leads, and
perform best in high speed applications.
The VOCM pin should be bypassed to ground with a high
quality ceramic capacitor whose value exceeds 0.01μF,
with direct, short connections. In split supply applications,
the VOCM pin can be either bypassed to ground or directly
hardwired to ground. Be careful not to violate the output
common mode range specifications for the VOCM pin.
Stray parasitic capacitances to unused component pins
that set up the filter’s characteristics, should be kept to an
absolute minimum. This prevents deviations from the ideal
frequency response. An ideal layout technique would be to
remove the solder pads for the unused component pins,
and strip away the ground plane underneath these pins to
lower capacitance to an absolute minimum. Floating unused
component pins which set up the filter characteristics will
not reduce the reliability of the LTC6601.
At the output, always keep in mind the differential nature of
the LTC6601, and that it is critical that the load impedances
seen by both outputs (stray or intended), should be as bal-
anced and symmetric as possible. This will help preserve
the natural balance of the LTC6601, which minimizes the
generation of even order harmonics and preserves the
rejection of common mode signals and noise.
–
+
66012 F05
R1
R1
R3
*
*
eni2
eno2
enR32
R3
*
enR32
R2
*
enR22
R2
*
enR22
*
enR12
*
enR12
In+2
In–2
Figure 5. Differential Noise Model of the LTC6601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com