Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 5Page - Analog Devices LTC6602 Datasheet HTML 6Page - Analog Devices LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices LTC6602 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC6601-2
9
66012f
TYPICAL PERFORMANCE CHARACTERISTICS
Low Power Mode Gain and Phase
Repeatability of 10 Random Units
High Performance Mode Gain Error
of 10 Random Units Normalized to
1MHz
Low Power Mode Gain Error of
10 Random Units Normalized to
1MHz
High Performance Mode Phase
Error of 10 Random Units
Low Power Mode Phase Error of
10 Random Units
Turn On and Turn Off Transient
Response
High Performance Mode Gain
and Phase Repeatability of 10
Random Units
Pulse Response
FREQUENCY (MHz)
66012 G19
0.20
00
0.05
0.10
0.15
–0.10
–0.05
–0.15
–0.20
4
1
2
3
–2
–1
–3
–4
0.1
10
100
1
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
SEE FIGURE 1
MAX – AVERAGE
MIN – AVERAGE
MAX –
AVERAGE
MIN –
AVERAGE
FREQUENCY (MHz)
66012 G20
0.20
00
0.05
0.10
0.15
–0.10
–0.05
–0.15
–0.20
4
1
2
3
–2
–1
–3
–4
0.1
10
100
1
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
SEE FIGURE 1
MAX – AVERAGE
MIN – AVERAGE
MAX –
AVERAGE
MIN –
AVERAGE
FREQUENCY (MHz)
66012 G21
3
2
1
0
–3
–2
–1
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
10 RANDOM UNITS PLOTTED
TA = 25°C
+SPECIFICATION
–SPECIFICATION
FREQUENCY (MHz)
66012 G22
3
2
1
0
–3
–2
–1
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
10 RANDOM UNITS PLOTTED
TA = 25°C
+SPECIFICATION
–SPECIFICATION
FREQUENCY (MHz)
66012 G23
8
6
4
2
0
–8
–6
–4
–2
1
10
100
VICM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
+SPECIFICATION
–SPECIFICATION
BIAS PIN TIED TO V+
10 RANDOM UNITS PLOTTED
FREQUENCY (MHz)
66012 G24
8
6
4
2
0
–8
–6
–4
–2
1
10
100
VICM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
+SPECIFICATION
–SPECIFICATION
BIAS PIN FLOATING
10 RANDOM UNITS PLOTTED
TIME (μs)
0
5
4
3
2
1
0
–3
–2
–1
–5
–4
1.6
1.4
1.2
1.0
0.8
0.2
0.4
0.6
0
2
66012 G25
6
13
4
5
VS = 5V
BIAS PIN
VOUTDIFF
TIME (μs)
0
2
1
0
–1
–2
2
66012 G26
8
1
3
4567
VS = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com