Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices LTC6602 Datasheet HTML 13Page - Analog Devices LTC6602 Datasheet HTML 14Page - Analog Devices LTC6602 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC6601-2
11
66012f
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Input 400Ω
Resistor Trim
Normalized Feedback 400Ω
Resistor Trim
Normalized 21.1pF Capacitor Trim
Normalized 33.3pF
Capacitor Trim
Normalized 48.2pF
Capacitor Trim
Normalized 81.5pF
Capacitor Trim
Normalized 10.55pF
Capacitor Trim
Normalized 16.1pF
Capacitor Trim
Normalized 200Ω Resistor Trim
NORMALIZED RESISTANCE
0.99
1000
100
700
500
300
800
900
600
400
200
0
1.006
1.002
66012 G36
1.01
0.998
0.994
AVERAGE = 200Ω
STD. DEV = 0.37Ω
NORMALIZED RESISTANCE
0.99
900
100
700
500
300
800
600
400
200
0
1.006
1.002
66012 G37
1.01
0.998
0.994
AVERAGE = 400.01Ω
STD. DEV = 1.0Ω
NORMALIZED RESISTANCE
0.99
1000
100
700
500
300
800
900
600
400
200
0
1.006
1.002
66012 G38
1.01
0.998
0.994
AVERAGE = 400.01Ω
STD. DEV = 0.87Ω
NORMALIZED CAPACITANCE
0.984
1200
800
1000
600
400
200
0
1.009
1.003
66012 G39
1.015
0.997
0.990
AVERAGE = 21.1pF
STD. DEV = 0.07pF
NORMALIZED CAPACITANCE
0.988
1000
800
700
900
600
500
400
300
200
100
0
1.010
1.005
66012 G40
1.016
0.999
0.993
AVERAGE = 33.3pF
STD. DEV = 0.09pF
NORMALIZED CAPACITANCE
0.995
0.992
1200
800
1000
600
400
200
0
1.007
1.004
66012 G41
1.010
1.001
0.998
AVERAGE = 48.2pF
STD. DEV = 0.08pF
NORMALIZED CAPACITANCE
0.996
0.993
1000
800
700
500
300
100
900
600
400
200
0
1.007
1.004
66012 G42
1.010
1.002
0.999
AVERAGE = 81.5pF
STD. DEV = 0.1pF
NORMALIZED CAPACITANCE
0.991
0.987
400
300
250
150
50
350
200
100
0
1.009
1.005
66012 G43
1.014
1.000
0.996
AVERAGE = 10.55pF
STD. DEV = 0.03pF
NORMALIZED CAPACITANCE
0.995
0.992
0.988
350
300
250
150
50
200
100
0
1.010
1.006
66012 G44
1.014
1.003
0.999
AVERAGE = 16.1pF
STD. DEV = 0.05pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com