Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 6Page - Analog Devices LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices LTC6602 Datasheet HTML 13Page - Analog Devices LTC6602 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LTC6601-2
10
66012f
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized 100Ω Resistor Trim
Normalized 125Ω Resistor Trim
Differential Output Noise
Distortion vs Frequency
% Change of fO vs Temperature
Passband Gain and Phase
vs Temperature
Gain Error Relative to 1MHz
vs Temperature
Phase Error vs Temperature
Distortion vs Frequency
FREQUENCY (MHz)
66012 G27
100
1
10
0.1
1000
10
100
1
0.001
0.01
10
100
1
0.1
VS = 3V
INTEGRATED NOISE,
BIAS TIED TO V+
SPECTRAL DENSITY,
BIAS TIED TO V+
SPECTRAL DENSITY,
BIAS PIN FLOATING
INTEGRATED NOISE,
BIAS PIN FLOATING
FREQUENCY (MHz)
66012 G28
–60
–70
–120
–110
–100
–90
–80
–130
0.1
10
100
1
VS = 5V
VIN = 2VP-P INPUT
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
SINGLE ENDED INPUT
DIFFERENTIAL INPUT
HD2
HD3
FREQUENCY (MHz)
66012 G29
–50
–60
–110
–100
–90
–80
–70
–120
0.1
10
100
1
VS = 5V
VIN = 2VP-P INPUT
VICM = VOCM
= MID-SUPPLY
BIAS PIN FLOATING
SINGLE ENDED INPUT
DIFFERENTIAL INPUT
HD2
HD3
TEMPERATURE (°C)
–50
0.5
0
–0.5
–2.0
–1.0
–1.5
25
–25
66012 G30
125
0
50
75
100
FREQUENCY (MHz)
66012 G31
0.5
–3.0
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
TEMPERATURES PLOTTED:
–45°C, –10°C, 25°C, 70°C, 95°C, 125°C
110
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
–105
–90
–75
–60
–45
–30
–15
GAIN
PHASE
FREQUENCY (MHz)
66012 G32
3
2
1
0
–3
–2
–1
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
TEMPERATURES PLOTTED:
–45°C, –10°C, 25°C,
70°C, 95°C, 125°C
+SPECIFICATION
–SPECIFICATION
FREQUENCY (MHz)
66012 G33
15
10
5
0
–15
–10
–5
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
TEMPERATURES PLOTTED:
–45°C, –10°C, 25°C,
70°C, 95°C, 125°C
+SPECIFICATION
–SPECIFICATION
NORMALIZED RESISTANCE
0.993
900
100
700
500
300
800
600
400
200
0
1.005
66012 G34
1.009
1.001
0.997
AVERAGE = 100Ω
STD. DEV = 0.19Ω
NORMALIZED RESISTANCE
0.99
1000
100
700
500
300
800
900
600
400
200
0
1.006
1.002
66012 G35
1.01
0.998
0.994
AVERAGE = 125Ω
STD. DEV = 0.22Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com