Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 13Page - Analog Devices LTC6602 Datasheet HTML 14Page - Analog Devices LTC6602 Datasheet HTML 15Page - Analog Devices LTC6602 Datasheet HTML 16Page - Analog Devices LTC6602 Datasheet HTML 17Page - Analog Devices LTC6602 Datasheet HTML 18Page - Analog Devices LTC6602 Datasheet HTML 19Page - Analog Devices LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LTC6601-2
17
66012f
APPLICATIONS INFORMATION
potential halfway between the V+ and V– pins. Whenever
this pin is not hard tied to a low impedance ground plane,
a high quality ceramic capacitor should be used to bypass
the VOCM pin to a low impedance ground plane (see Layout
Considerations). The LTC6601’s internal common mode
feedback path forces accurate output phase balancing to
reduce even order harmonics, and centers each individual
output about the potential set by the VOCM pin.
VOUTCM = VOCM =
VOUT+ + VOUT–
2
The outputs (OUT+ and OUT–) of the LTC6601 are capable
of swinging rail-to-rail. They can source or sink up to ap-
proximately 75mA of current. Load capacitances should
be decoupled with at least 25Ω of series resistance from
each output.
The LTC6601 Electrical Characteristics table specifies an
input referred offset. This specification actually lumps volt-
age offsets due to offset bias currents (IOS), and amplifier
voltage offset into one specification. To refer this specifica-
tion to the output, you simply multiply the specification
by the noise gain the LTC6601 is configured in:
VOSODIFF = 1 + Gain
where Gain is the closed loop gain in the particular filter
application:
Gain= R2
R1
COMPONENT INPUT PIN PROTECTION
All of the LTC6601 pins with the exception of V+ and V– are
protected with steering diodes to either power supply. In
the event that a pin is driven beyond the supply rails, the
excess current should be limited to under 10mA to prevent
damage to the IC.
BIAS Pin
The LTC6601 has a BIAS pin (Pin 3) whose function is to
tailor both performance and power of the LTC6601. The
pin has a Thevenin equivalent impedance of approximately
150kΩ to a voltage source whose potential is 1.15V above
the V– supply. This pin has fixed logic levels relative to V–
(see the Electrical Characteristics table), and can be driven
by an external source keeping in mind its equivalent input
impedance and equivalent input voltage. If the BIAS pin is
floated, care should be taken to control external leakage
currents to this pin to under 1μA to prevent putting the
LTC6601 an undesired state.
If BIAS is tied to the positive supply, the LTC6601 dif-
ferential filter will be in a fully active state configured for
highest performance (lowest noise and lowest distortion).
If the BIAS pin is floated or left unconnected, the LTC6601
filter will be in a fully active state, with amplifier currents
reduced and performance scaled back to preserve power
consumption. If the BIAS pin is tied to the most negative
supply (V–), the LTC6601 will be placed into a low power
shutdown mode with amplifier outputs disabled. In this
state, the LTC6601 draws approximately 450μA.
In low power shutdown, all internal biasing current sources
are shut off, and the output pins, OUT+ and OUT–, will each
appear as open collectors with a non-linear capacitor in
parallel and steering diodes to either supply. The turn-on
and turn-off time constant between states are on the order
of 0.4μs. Using this function to wire-OR outputs together
is not recommended.
General Design and Usage
As levels of integration have increased and correspond-
ingly, system supply voltages decreased, there has been
a need for ADCs to process signals differentially in order
to maintain good signal-to-noise ratios. These ADCs are
typically supplied from a single supply voltage which
can be as low as 3V (2.7V min), and will have an optimal
common mode input range near mid-supply. The LTC6601
makes interfacing to these ADCs easy, by providing anti-
alias filtering, single-ended to differential conversion and
common mode level shifting (translation). Figure 3 shows
a general application of this. The low frequency gain to
VOUTDIFF from VIN is simply:
VOUTDIFF = VOUT+ –VOUT– ≈
R2
R1
•VINDIFF
The differential output voltage (VOUT+–VOUT–)iscompletely
independent of input and output common mode voltages,
or the voltage at the common mode pin. This makes the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com