Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 3Page - Analog Devices LTC6602 Datasheet HTML 4Page - Analog Devices LTC6602 Datasheet HTML 5Page - Analog Devices LTC6602 Datasheet HTML 6Page - Analog Devices LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC6601-2
7
66012f
TYPICAL PERFORMANCE CHARACTERISTICS
High Performance Supply Current
vs Temperature and
Supply Voltage
Shutdown Supply Current
vs Temperature and
Supply Voltage
Supply Current vs Bias Pin
Voltage and Temperature
Shutdown Supply Current
vs Supply Voltage and Temperature
Low Power Mode Supply Current
vs Supply Voltage and Temperature
High Performance Supply Current
vs Supply Voltage and Temperature
Low Power Supply Current
vs Temperature and
Supply Voltage
High Performance Mode
Differential VOS vs Temperature
Low Power Mode Differential VOS
vs Temperature
TEMPERATURE (°C)
–50
18.0
17.5
15.5
16.0
16.5
17.0
15.0
50
0
100
66012 G01
125
25
–25
75
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
3V
5V
2.7V
TEMPERATURE (°C)
–50
35
34
31
33
32
30
50
0
100
66012 G02
125
25
–25
75
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
3V
2.7V
5V
TEMPERATURE (°C)
–50
0.8
0.7
0.2
0.4
0.5
0.6
0.3
0.1
0
50
0
100
66012 G03
125
25
–25
75
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V–
3V
2.7V
5V
BIAS PIN VOLTAGE WITH RESPECT TO V– (V)
0
50
20
30
40
10
0
1.5
0.5
2.5
66012 G04
3
12
VINCM = VOCM = MID-SUPPLY
VS = 3V
–40°C
25°C
125°C
SUPPLY VOLTAGE (V)
0
1
0.01
0.1
0.001
3
1
66012 G05
5
24
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V–
–40°C
25°C
125°C
SUPPLY VOLTAGE (V)
0
1
10
100
0.01
0.1
0.001
3
1
66012 G06
5
24
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
–40°C
25°C
125°C
SUPPLY VOLTAGE (V)
0
1
10
100
0.01
0.1
0.001
3
1
66012 G07
5
24
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
–40°C
25°C
125°C
TEMPERATURE (°C)
–50
–0.25
1.00
0.75
0.50
0.25
0.00
–0.75
–0.50
–1.00
25
–25
66012 G08
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
5 REPRESENTATIVE UNITS
TEMPERATURE (°C)
–50
–0.25
1.00
0.75
0.50
0.25
0.00
–0.75
–0.50
–1.00
25
–25
66012 G09
125
0
50
75
100
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
5 REPRESENTATIVE UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com