Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices LTC6602 Datasheet HTML 23Page - Analog Devices LTC6602 Datasheet HTML 24Page - Analog Devices LTC6602 Datasheet HTML 25Page - Analog Devices LTC6602 Datasheet HTML 26Page - Analog Devices LTC6602 Datasheet HTML 27Page - Analog Devices LTC6602 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTC6601-2
24
66012f
APPLICATIONS INFORMATION
Table 7. Gain of 2 Filter Configurations
GAIN
fO (MHz)
f–3dB (MHz)
Q
R1 (Ω)
R2 (Ω)
C1 (pF)
C2 (pF)
ein
(nV/√Hz)
V/V
dB
2.0
6.021
16.06
18.95
0.868
100.00
200.00
48.2
81.5
8.1
2.0
6.021
14.55
12.69
0.626
100.00
200.00
58.75
81.5
8.1
2.0
6.021
14.68
20.46
1.323
100.00
200.00
48.2
97.6
8.1
2.0
6.021
13.29
15.34
0.840
100.00
200.00
58.75
97.6
8.1
2.0
6.021
12.24
10.96
0.640
100.00
200.00
69.3
97.6
8.1
2.0
6.021
12.26
16.66
1.200
100.00
200.00
58.75
114.8
8.1
2.0
6.021
11.29
12.98
0.835
100.00
200.00
69.3
114.8
8.1
2.0
6.021
10.29
13.97
1.197
200.00
400.00
58.75
81.5
8.5
2.0
6.021
10.51
9.76
0.660
100.00
200.00
79.85
114.8
8.1
2.0
6.021
10.57
13.97
1.102
100.00
200.00
69.3
130.9
8.1
2.0
6.021
9.47
10.52
0.796
200.00
400.00
69.3
81.5
8.5
2.0
6.021
9.85
11.17
0.819
100.00
200.00
79.85
130.9
8.1
2.0
6.021
8.82
7.55
0.616
200.00
400.00
79.85
81.5
8.5
2.0
6.021
8.65
11.91
1.254
200.00
400.00
69.3
97.6
8.5
2.0
6.021
8.06
9.48
0.864
200.00
400.00
79.85
97.6
8.5
2.0
6.021
7.43
10.40
1.341
200.00
400.00
79.85
114.8
8.5
Table 8. Gain of 1.667 Filter Configurations
GAIN
fO (MHz)
f–3dB MHz
Q
R1 (Ω)R2 (Ω)
C1 (pF)
C2 (pF)
ein
nV/√Hz
V/V
dB
1.667
4.437
19.67
19.35
0.696
80.00
133.33
48.2
81.5
8.5
1.667
4.437
17.97
22.12
0.934
80.00
133.33
48.2
97.6
8.5
1.667
4.437
16.57
23.16
1.336
80.00
133.33
48.2
114.8
8.5
1.667
4.437
16.28
15.60
0.679
80.00
133.33
58.75
97.6
8.5
1.667
4.437
15.01
17.80
0.875
80.00
133.33
58.75
114.8
8.5
1.667
4.437
14.33
18.58
1.046
80.00
133.33
58.75
126
8.5
1.667
4.437
13.82
13.19
0.676
80.00
133.33
69.3
114.8
8.5
1.667
4.437
12.94
14.77
0.826
80.00
133.33
69.3
130.9
8.5
1.667
4.437
12.06
11.32
0.666
80.00
133.33
79.85
130.9
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com