Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices LTC6602 Datasheet HTML 13Page - Analog Devices LTC6602 Datasheet HTML 14Page - Analog Devices LTC6602 Datasheet HTML 15Page - Analog Devices LTC6602 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LTC6601-2
12
66012f
PIN FUNCTIONS
IN1+, IN2+, IN4+ (Pins 2, 1, 20): Input to a trimmed 100Ω,
200Ω, 400Ω resistor which feeds a noninverting summing
node. Can accept an input signal, be floated or tied to OUT–.
For best performance, stray capacitance should be kept as
low as possible by keeping printed circuit connections as
short and direct as possible. If necessary, strip back the
surrounding ground plane away from these pins.
BIAS (Pin 3): Input to a three-state comparator whose
three states allow the user to tailor amplifier power. The
pin impedance appears as a 150k resistor whose default
open-circuit potential is 1.15V with respect to the V– power
supply. If BIAS is driven to within 0.4V of the V– supply, the
amplifier is placed into a low power shutdown, consum-
ing typically 450μA. When BIAS is floated, the amplifier
operates in its low power active state. Forcing the pin 2.3V
above V– places the part into the high performance active
state. See Applications Information for more detail.
IN1–, IN2–, IN4– (Pins 4, 5, 6):
Input to a trimmed 100Ω,
200Ω, 400Ω resistor which feeds an inverting summing
node. Can accept an input signal, be floated or tied to
OUT+. For best performance, it is highly recommended
that stray capacitance be kept to as low as possible by
keeping printed circuit connections as short and direct
as possible, and if necessary, stripping back nearby sur-
rounding ground plane away from these pins.
C1, C2 (Pins 7, 8): Input to a trimmed 16.1pF, 33.3pF
capacitor which feeds a noninverting summing node.
Typically, either float or tie to OUT–. If either of these
pins is tied to a low impedance source other than OUT–,
a resistance of at least 25Ω should be placed in series.
For best performance, it is highly recommended that stray
capacitance be kept to as low as possible by keeping printed
circuit connections as short and direct as possible, and
if necessary, stripping back nearby surrounding ground
plane away from these pins.
C3, C4 (Pins 9, 10): Input to a trimmed 10.55pF, 21.1pF
capacitor which feeds the amplifier inverting summing
node. Typically, either float or tie to OUT+. For best per-
formance, it is highly recommended that stray capacitance
be kept to as low as possible by keeping printed circuit
connections as short and direct as possible, and if nec-
essary, stripping back nearby surrounding ground plane
away from these pins.
OUT+, OUT– (Pins 11, 15):
Output Pins. Besides driving
the internal feedback network, each pin can drive an ad-
ditional 50Ω to ground with typical short-circuit current
limiting of ±65mA. Capacitive loading of these pins should
be minimized by resistively decoupling the outputs from
the load with at least 25Ω.
VOCM (Pin 12): Output Common Mode Reference Voltage.
The voltage on VOCMsetstheoutputcommonmodevoltage
level (which is defined as the average of the voltages on
the OUT+ and OUT– pins). The VOCM pin is the midpoint
of an internal resistive voltage divider between the sup-
plies, developing a (default) mid-supply voltage potential
to maximize output signal swing. The VOCM pin can be
overdriven by an external voltage reference capable of
driving the input impedance presented by the VOCM pin.
The VOCM pin has an input resistance of approximately 7k
to a mid-supply potential. It should be bypassed with a
high quality ceramic bypass capacitor (for instance of X7R
dielectric) of at least 0.01μF, (unless using symmetrical
split supplies, then connect directly to a low impedance,
low noise ground plane) to minimize common mode noise
from being converted to differential noise by impedance
mismatches both externally and internally to the IC.
(Refer to the Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com