Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 10Page - Analog Devices LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices LTC6602 Datasheet HTML 13Page - Analog Devices LTC6602 Datasheet HTML 14Page - Analog Devices LTC6602 Datasheet HTML 15Page - Analog Devices LTC6602 Datasheet HTML 16Page - Analog Devices LTC6602 Datasheet HTML 17Page - Analog Devices LTC6602 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC6601-2
14
66012f
BLOCK DIAGRAM
860Ω
400Ω
400Ω
48.2pF
125Ω
BIAS
125Ω
200Ω
IN2+
IN1+
100Ω
21.1pF
10.55pF
21.1pF
48.2pF
10.55pF
81.5pF
81.5pF
33.3pF
C2
C1
VOCM
860Ω
14k
14k
12
OUT+
11
OUT–
15
V+
V–
14
13
33.3pF
C6
8
16.1pF
18
16.1pF
400Ω
C5
19
IN4+
C7
17
C8
16
C3
9
C4
66012 BD
10
7
IN4–
400Ω
1
2
BIAS
100Ω
IN1–
IN2–
200Ω
4
5
3
6
20
+
–
60k
180k
180k
V – + 2.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com